Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7543KP Datasheet(PDF) 5 Page - Exar Corporation

Part # MP7543KP
Description  5 V CMOS Serial Input 12-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7543KP Datasheet(HTML) 5 Page - Exar Corporation

  MP7543KP Datasheet HTML 1Page - Exar Corporation MP7543KP Datasheet HTML 2Page - Exar Corporation MP7543KP Datasheet HTML 3Page - Exar Corporation MP7543KP Datasheet HTML 4Page - Exar Corporation MP7543KP Datasheet HTML 5Page - Exar Corporation MP7543KP Datasheet HTML 6Page - Exar Corporation MP7543KP Datasheet HTML 7Page - Exar Corporation MP7543KP Datasheet HTML 8Page - Exar Corporation MP7543KP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP7543
5
Rev. 2.00
ELECTRICAL CHARACTERISTICS (CONT’D)
25
°C
Tmin to Tmax
NOTES:
Specifications are subject to change without notice
1
Full Scale Range (FSR) is 10V for unipolar mode.
2
Guaranteed but not production tested.
3
Digital input levels should not go below ground or exceed the positive supply voltage, otherwise damage may occur.
4
See timing diagram.
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
SWITCHING
CHARACTERISTICS2, 4
Serial Input to Strobe Set-up Time
tDS1
50
100
ns
STB1 used as a strobe
Serial Input to Strobe Set-up Time
tDS4
0
0
ns
STB4 used as a strobe
Serial Input to Strobe Set-up Time
tDS3
0
0
ns
STB3 used as a strobe
Serial Input to Strobe Set-up Time
tDS2
20
40
ns
STB2 used as a strobe
Serial Input to Strobe Hold Time
tDH1
30
60
ns
STB1 used as a strobe
Serial Input to Strobe Hold Time
tDH4
80
160
ns
STB4 used as a strobe
Serial Input to Strobe Hold Time
tDH3
80
160
ns
STB3 used as a strobe
Serial Input to Strobe Hold Time
tDH2
60
120
ns
STB2 used as a strobe
SRI Data Pulse Width
tSRI
80
160
ns
STB1 Pulse Width
tSTB1
80
160
ns
STB4 Pulse Width
tSTB4
100
200
ns
STB3 Pulse Width
tSTB3
100
200
ns
STB2 Pulse Width
tSTB2
80
160
ns
Load Pulse Width
tLD1, 2
150
300
ns
Minimum time between strobing
tASB
00
ns
Reg. A and loading Reg. B
CLR pulse width
tCLR
200
400
ns
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C unless otherwise noted)1, 2, 3
VDD to GND
+7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Input Voltage to GND (2)
GND –0.5 to VDD +0.5 V
.
IOUT1, IOUT2 to GND
GND –0.5 to VDD +0.5 V
. . . . . . . . . . .
VREF to GND (2)
+25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VRFB to GND (2)
+25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AGND to DGND
+1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Functionality Guaranteed +0.5 V)
Storage Temperature
–65
°C to +150°C
. . . . . . . . . . . . . . . . .
Lead Temperature (Soldering, 10 seconds)
+300
°C
. . . . . .
Package Power Dissipation Rating to 75
°C
CDIP, PDIP, SOIC, PLCC
700mW
. . . . . . . . . . . . . . . . . .
Derates above 75
°C
10mW/
°C
. . . . . . . . . . . . . . . . . . . . .
NOTES:
1
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation at or above this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
2
Any input pin which can see a value outside the absolute maximum ratings should be protected by Schottky diode clamps
(HP5082-2835) from input pin to the supplies.
All inputs have protection diodes which will protect the device from short
transients outside the supplies of less than 100mA for less than 100
µs.
3
GND refers to AGND and DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com