Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-SPMD250V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-SPMD250V2
Description  1.5 A bipolar stepper motor drive module (SPMD150STP) demonstration board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SPMD250V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-SPMD250V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-SPMD250V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-SPMD250V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-SPMD250V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2010
Doc ID 18274 Rev 1
1/4
4
STEVAL-SPMD250V2
1.5 A bipolar stepper motor drive module (SPMD150STP)
demonstration board
Features
■ Ready-to-use board for SPMD250STP
demonstration
■ Easy interfacing with PractiSPIN™ software
■ Simulates:
– Normal/half-step sequence and
microstepping
– Fast/slow decay
– Forward/reverse
– Enable
■ Phase current selectable for
acceleration/deceleration ramp, running and
stop mode
■ Possibility to program moving and waiting time
sequences
■ RoHS compliant
Description
This STEVAL-SPMD250V2 demonstration board
is designed for evaluating the performance and
the features of the SPMD250STP module. The
board works in conjunction with the PractiSPIN™
HW and the PractiSPIN™.spmd SW, which allow
the user to operate with the SPMD250STP
module.
The SPMD250STP is part of the EASY
POWER™ series of fully integrated modules
designed to drive bipolar permanent-magnet
stepper motors.
All EASY POWER modules offer an easy-to-use,
fully-protected solution to implement precise
position control, with high torque at rest, and
without the need for external components. The
module operates over a wide 12 V to 40 V input
voltage range and supports an output maximum
current of 2.5 A.
The SPMD250STP implements full/half-step drive
capability, working at a fixed chopper frequency of
17 kHz. It is possible to select between fast and
slow decay current. Home position indication is
available, as well as synchronization for multi-
motor applications. The module internally
generates the phase sequence, significantly
reducing the burden of the controller. Integration
of a power MOSFET stage significantly reduces
both commutation and conduction losses. The
SPMD250STP offers complete output protection
against all types of short conditions. The metal
package acts as an integrated heatsink, with no
ventilation or additional components required.
The metal case also isolates the inner circuit from
external agents, making the module suitable for
operation in harsh environments. The STEVAL-
SPMD250V1 supports the following
measurements and demonstrations: full/half-step,
CW/CCW, control behavior, motor current
waveforms and measurements, movement
sequences.
STEVAL-SPMD250V2
www.st.com


Similar Part No. - STEVAL-SPMD250V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-SPMD150V2 STMICROELECTRONICS-STEVAL-SPMD150V2 Datasheet
98Kb / 4P
1.5 A bipolar stepper motor drive module (SPMD150STP) demonstration board
November 2010 Rev 1
More results

Similar Description - STEVAL-SPMD250V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-D200 STMICROELECTRONICS-GS-D200 Datasheet
183Kb / 17P
2/2.5A BIPOLAR STEPPER MOTOR DRIVE MODULES
Jun-1994
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
STEPPER MOTOR DRIVE CIRCUIT
MSE570 ETC2-MSE570_1 Datasheet
109Kb / 5P
Bipolar Stepper Motor Drive Board
logo
STMicroelectronics
SPMD250STP STMICROELECTRONICS-SPMD250STP Datasheet
1,002Kb / 29P
2.5 A bipolar stepper motor drive module
23-Jan-2007
SPMD150STP STMICROELECTRONICS-SPMD150STP Datasheet
650Kb / 23P
1.5 A stepper motor driver module
22-Feb-2010
AN1495 STMICROELECTRONICS-AN1495 Datasheet
714Kb / 25P
Microstepping stepper motor drive
26-Sep-2012
STEVAL-SPMD150V2 STMICROELECTRONICS-STEVAL-SPMD150V2 Datasheet
98Kb / 4P
1.5 A bipolar stepper motor drive module (SPMD150STP) demonstration board
November 2010 Rev 1
logo
Monolithic Power System...
EV6507GF-00A MPS-EV6507GF-00A Datasheet
322Kb / 6P
500mA,15V, Bipolar Stepper Motor Driver Evaluation Board
EV6507GQ-00A MPS-EV6507GQ-00A Datasheet
301Kb / 6P
500mA,15V, Bipolar Stepper Motor Driver Evaluation Board
EV6509GF-00A MPS-EV6509GF-00A Datasheet
351Kb / 7P
1.2A,18V, Bipolar Stepper Motor Driver Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com