Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK0002 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK0002
Description  HIGH SPEED, BUFFER AMPLIFIER AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK0002 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK0002 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK0002 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK0002 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK0002 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK0002 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
±6.3
-
-
±11
-
8
±2
-
±6
-
0.97
-
±2
±2
±6
±10
0.97
-
-
-
-
-
0.95
-
-
-
-
-
0.95
0.95
±10
-
10
-
-
12
-
180
-
±10
±9.5
-
VIN=0V
RS=10KΩ RL=1.0KΩ
VIN=1.0VRMS RS=200KΩ
RL=1KΩ f=1.0KHz
VIN=1.0VRMS Rs=10KΩ
RL=50Ω f=1.0KHz
VIN=±12Vp RL=1.0KΩ
f=1.0KHz
VIN=±10Vp RL=100Ω
+VCC=±15V f=1.0KHz
VIN=3.0VPP f=1.0KHz
RS=10KΩ RL=1.0KΩ
VOUT=2.5VPP f=10KHz
RS=100Ω RL=50Ω
±22V
±22V
600mW
-55°C to +125°C
-40°C to +85°C
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TJ
θjC
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Junction Temperature
Thermal Resistance
-65°C to +150°C
+300°C
+175°C
40°C/W
±VCC
VIN
Pd
Tc
1
2
3
4
Unless otherwise specified ±VCC=±12VDC
Subgroups 5 & 6 shall be tested as part of device initial characterization and after design
and process changes. Parameter shall be guaranteed to the limits specified for subgroups
5 & 6 for all lots not specifically tested.
Devices shall be capable of meeting the parameter, but need not be tested.
Subgroup 1,4
TA=TC=+25°C
Subgroup 2,5
TA=TC=+125°C
Subgroup 3,6
TA=TC=-55°C
NOTES:
Supply Voltage
Input Voltage
Power Dissipation
Case Operating Temperature
(MSK 0002H)
(MSK 0002)
ELECTRICAL SPECIFICATIONS
Rev. - 10/00
2
Quiescent Current
Input Offset Current
Input Offset Voltage
Input Impedance
Output Impedance
Output Voltage Swing
Voltage Gain
Rise Time
Parameter
Test Conditions
Group A
Subgroup
4
3
2
3
Min.
Typ.
Max.
MSK 0002H
Min.
Typ.
Max.
MSK 0002
Units
1
4
4
4
4
4
1
2,3
1
2,3
4
5,6
±6.3
-
-
±11
-
8
-
180
-
±10
±9.5
-
±10
-
10
-
-
12
mA
KΩ
Ω
Vp
Vp
nS
±10
±10
±30
±30
-
-
µA
µA
mV
mV
V/V
V/V
±10
-
±30
-
-
-
RS=10KΩ RL=1.0KΩ
RS=300Ω RL=1.0KΩ
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com