Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTD48 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MTD48
Description  48 Lead Molded Thin Shrink Small Outline Package, JEDEC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MTD48 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MTD48 Datasheet HTML 1Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
April 1994
48 Lead Molded Thin Shrink Small Outline Package JEDEC
NS Package Number MTD48
All dimensions are in millimeters
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL
SEMICONDUCTOR CORPORATION As used herein
1 Life support devices or systems are devices or
2 A critical component is any component of a life
systems which (a) are intended for surgical implant
support device or system whose failure to perform can
into the body or (b) support or sustain life and whose
be reasonably expected to cause the failure of the life
failure to perform when properly used in accordance
support device or system or to affect its safety or
with instructions for use provided in the labeling can
effectiveness
be reasonably expected to result in a significant injury
to the user
National Semiconductor
National Semiconductor
National Semiconductor
National Semiconductor
Corporation
Europe
Hong Kong Ltd
Japan Ltd
1111 West Bardin Road
Fax a49 (0) 180-530 85 86
13th Floor Straight Block
Tel 81-043-299-2308
Arlington TX 76017
Email europesupport nsccom
Ocean Centre 5 Canton Rd
Fax 81-043-299-2408
Tel 1(800) 272-9959
Deutsch Tel a49 (0) 180-530 85 85
Tsimshatsui Kowloon
Fax 1(800) 737-7018
English
Tel a49 (0) 180-532 78 32
Hong Kong
Fran ais Tel a49 (0) 180-532 93 58
Tel (852) 2737-1600
http
www nationalcom
Italiano
Tel a49 (0) 180-534 16 80
Fax (852) 2736-9960
National does not assume any responsibility for use of any circuitry described no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications


Similar Part No. - MTD48

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MTD48 NSC-MTD48 Datasheet
784Kb / 16P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Fairchild Semiconductor
MTD48 FAIRCHILD-MTD48 Datasheet
88Kb / 6P
16-Bit Transparent Latch with 3-STATE Outputs
MTD48 FAIRCHILD-MTD48 Datasheet
80Kb / 6P
16-Bit Buffer/Line Driver with 3-STATE Outputs
MTD48 FAIRCHILD-MTD48 Datasheet
99Kb / 6P
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
MTD48 FAIRCHILD-MTD48 Datasheet
217Kb / 10P
Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
More results

Similar Description - MTD48

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SSOP24 STMICROELECTRONICS-SSOP24 Datasheet
59Kb / 4P
24-LEAD SHRINK SMALL OUTLINE PACKAGE
Nov-2002
logo
National Semiconductor ...
MTC16 NSC-MTC16 Datasheet
70Kb / 1P
16 Lead Molded Thin Shrink Small Outline Package, JEDEC NS Package Number MTC16
logo
STMicroelectronics
TSSO20 STMICROELECTRONICS-TSSO20 Datasheet
57Kb / 4P
20-LEAD THIN SHRINK SMALL OUTLINE
Nov-2002
logo
Intersil Corporation
M24.173B INTERSIL-M24.173B Datasheet
42Kb / 1P
Thin Shrink Small Outline Wxposed Pad Plastic Packages ( EPTSSOP)
logo
fujitsu semiconductor
FPT-20P-M04 FUJITSU-FPT-20P-M04 Datasheet
37Kb / 1P
THIN SHRINK SMALL OUTLINE PACKAGE
logo
Amkor Technology
CSSOP AMKOR-CSSOP Datasheet
304Kb / 1P
Ceramic Shrink Small Outline Package
logo
STMicroelectronics
TSSOP14 STMICROELECTRONICS-TSSOP14 Datasheet
58Kb / 4P
14-LEAD THIN SHRINK SMALL OUTLINE
Nov-2002
logo
Analog Devices
RQ-16 AD-RQ-16 Datasheet
60Kb / 1P
16-Lead Shrink Small Outline Package [QSOP] Dimensions shown in inches
logo
ACCUTEK MICROCIRCUIT CO...
AK16D300 ACCUTEK-AK16D300_12 Datasheet
79Kb / 3P
Shrink Small Outline Package SSOP DIP Adapters
logo
Guangdong Youtai Semico...
LM75B UMW-LM75B Datasheet
312Kb / 23P
plastic thin shrink small outline package; 8 leads;
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com