Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32-EMBPI Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32-EMBPI
Description  Embedded Pi, triple-play platform for STM32, Raspberry Pi and Arduino?
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32-EMBPI Datasheet(HTML) 1 Page - STMicroelectronics

  STM32-EMBPI Datasheet HTML 1Page - STMicroelectronics STM32-EMBPI Datasheet HTML 2Page - STMicroelectronics STM32-EMBPI Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For further information contact your local STMicroelectronics sales office.
October 2013
DocID025287 Rev 1
1/3
STM32-EMBPI/14
Embedded Pi, triple-play platform for STM32,
Raspberry Pi and Arduino™
Data brief
Features
 STM32F103 running at 72 MHz with
128 Kbytes Flash memory and 20 Kbytes RAM
 Form factor compatible with both 5 V and 3V3
Arduino™ shields, selectable with jumpers
 Hundreds of Arduino™ shields available on the
market enhance the control capability of
Embedded Pi and Raspberry Pi, e.g. to control
motor, sensors, etc.
 Direct connection to the Raspberry Pi
 Selection of one of the three modes of
operation with a jumper
 Arduino™ form factor compatible interfaces:
– 1 SPI
–1 I2C
–4 PWM
–1 UART
– 6 analog inputs
 Embedded Pi extended interfaces:
– 1 SPI
–1 I2C
–2 PWM
–1 UART
– 6 analog inputs
–1 CAN
Description
The Embedded Pi, based on the STM32F103
MCU, is a triple-play platform for Raspberry Pi,
Arduino™ and the STM32 MCU family. Blending
all three communities together, the Embedded Pi
helps you to get the most out of each platform.
The Embedded Pi can operate in 3 modes:
Standalone, ST-Adapter and Raspberry Pi.
In Standalone mode the Embedded Pi acts as a
base platform, the STM32F103 controls the
Arduino™ shields directly.
In ST-Adapter mode the Embedded Pi controls
the Arduino™ shields, and the Raspberry Pi acts
as the GUI or command line console that send
commands and data to, and receives data from,
the Embedded Pi.
In Raspberry Pi mode the Embedded Pi acts as a
hardware connection bridge between the
Raspberry Pi and Arduino™ shields.
For more information, visit
www.element14.com/embedded-pi
www.st.com


Similar Part No. - STM32-EMBPI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STM32-E407 ETC2-STM32-E407 Datasheet
9Mb / 30P
STM32-E407 development board USER?셎 MANUAL
logo
STMicroelectronics
STM32-EXPERIMENT STMICROELECTRONICS-STM32-EXPERIMENT Datasheet
162Kb / 3P
IAR Systems® Experiment! kits for STM32 microcontrollers
November 2013 Rev 1
More results

Similar Description - STM32-EMBPI

ManufacturerPart #DatasheetDescription
logo
4D Systems Pty Ltd
4DPI-24-HAT 4DSYSTEMS-4DPI-24-HAT Datasheet
2Mb / 21P
Primary Displays for Raspberry Pi
28th June 2021
logo
SparkFun Electronics
DEV-14459 SPARKFUN-DEV-14459 Datasheet
180Kb / 2P
SparkFun Qwiic HAT for Raspberry Pi
12-4-17
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
DEV-15794 SPARKFUN-DEV-15794 Datasheet
190Kb / 2P
SparkFun Qwiic SHIM for Raspberry Pi
12??2??9
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
logo
NimbeLink Corp.
NL-AB-RPI NIMBELINK-NL-AB-RPI Datasheet
613Kb / 10P
Skywire ® Raspberry Pi Adapter
March 2020
logo
List of Unclassifed Man...
104990448 ETC-104990448 Datasheet
399Kb / 4P
2.13 Triple‐Color E‐Ink Display for Raspberry Pi
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
logo
EDA Technology Co.,LTD
CM4-NANO EDATEC-CM4-NANO Datasheet
1Mb / 21P
AN INDUSTRIAL EMBEDDED COMPUTER BASED ON RASPBERRY PI CM4
2023-01-09
ED-CM4IO EDATEC-ED-CM4IO Datasheet
1Mb / 25P
AN INDUSTRIAL EMBEDDED COMPUTER BASED ON RASPBERRY PI CM4
2023-02-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com