Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F411VE Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32F411VE
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411VE Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32F411VE Datasheet HTML 66Page - STMicroelectronics STM32F411VE Datasheet HTML 67Page - STMicroelectronics STM32F411VE Datasheet HTML 68Page - STMicroelectronics STM32F411VE Datasheet HTML 69Page - STMicroelectronics STM32F411VE Datasheet HTML 70Page - STMicroelectronics STM32F411VE Datasheet HTML 71Page - STMicroelectronics STM32F411VE Datasheet HTML 72Page - STMicroelectronics STM32F411VE Datasheet HTML 73Page - STMicroelectronics STM32F411VE Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 149 page
background image
Electrical characteristics
STM32F411xC STM32F411xE
70/149
DocID026289 Rev 6
Table 22. Typical and maximum current consumption in run mode, code with data processing
(ART accelerator enabled except prefetch) running from Flash memory- VDD = 1.7 V
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
TA =
25 °C
TA =
85 °C
TA =
105 °C
TA=
125 °C
IDD
Supply current
in Run mode
External clock, PLL
ON(2),
all peripherals
enabled(3)(4)
100
20.4
21.8
22.1
22.8
23.8
mA
84
16.5
17.6
17.8
18.6
19.6
64
11.4
12.3
12.5
13.1
14.1
50
9.0
9.7
10.0
10.6
11.6
20
4.6
5.0
5.3
6.0
7.0
HSI, PLL OFF(2), all
peripherals enabled(3)
16
2.9
3.2
3.6
4.3
5.3
1
0.7
0.8
1.3
1.9
2.9
External clock, PLL ON(2)
all peripherals disabled(3)
100
11.2
12.2
12.4
13.2
14.2
84
9.1
9.9
10.1
10.9
11.9
64
6.4
7.0
7.3
7.9
8.9
50
5.1
5.6
5.9
6.6
7.6
20
2.6
3.0
3.3
4.0
5.0
HSI, PLL OFF(2), all
peripherals disabled(3)
16
1.8
2.0
2.4
3.0
4.0
1
0.6
0.7
1.2
1.9
2.9
1. Guaranteed by characterization results.
2. Refer to Table 41 and RM0383 for the possible PLL VCO setting
3. Add an additional power consumption of 1.6 mA per ADC for the analog part. In applications, this consumption occurs only
while the ADC is ON (ADON bit is set in the ADC_CR2 register).
4. When the ADC is ON (ADON bit set in the ADC_CR2), add an additional power consumption of 1.6mA per ADC for the
analog part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com