Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L476RE Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32L476RE
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, LCD, analog, audio
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476RE Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32L476RE Datasheet HTML 9Page - STMicroelectronics STM32L476RE Datasheet HTML 10Page - STMicroelectronics STM32L476RE Datasheet HTML 11Page - STMicroelectronics STM32L476RE Datasheet HTML 12Page - STMicroelectronics STM32L476RE Datasheet HTML 13Page - STMicroelectronics STM32L476RE Datasheet HTML 14Page - STMicroelectronics STM32L476RE Datasheet HTML 15Page - STMicroelectronics STM32L476RE Datasheet HTML 16Page - STMicroelectronics STM32L476RE Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 232 page
background image
DocID025976 Rev 4
13/232
STM32L476xx
Description
55
Table 2. STM32L476xx family device features and peripheral counts
Peripheral
STM32L476
Zx
STM32L476
Qx
STM32L476
Vx
STM32L476
Mx
STM32L476
Jx
STM32L476
Rx
Flash memory
512KB
1MB
512KB
1MB
256KB 512KB
1MB
512KB
1MB
512KB
1MB
256KB 512KB
1MB
SRAM
128KB
External memory controller for
static memories
Yes
Yes
Yes(1)
No
No
No
Quad SPI
Yes
Timers
Advanced
control
2 (16-bit)
General
purpose
5 (16-bit)
2 (32-bit)
Basic
2 (16-bit)
Low -power
2 (16-bit)
SysTick timer
1
Watchdog
timers
(independent,
window)
2
Comm.
interfaces
SPI
3
I2C3
USART
UART
LPUART
3
2
1
SAI
2
CAN
1
USB OTG FS
Yes
SDMMC
Yes
SWPMI
Yes
Digital filters for sigma-delta
modulators
Yes (4 filters)
Number of channels
8
RTC
Yes
Tamper pins
3
2
2
2
LCD
COM x SEG
Yes
8x40 or 4x44
Yes
8x40 or 4x44
Yes
8x40 or 4x44
Yes
8x30 or 4x32
Yes
8x28 or 4x32
Yes
8x28 or 4x32
Random generator
Yes
GPIOs
Wakeup pins
Nb of I/Os down to 1.08 V
114
5
14
109
5
14
82
5
0
65
4
6
57
4
6
51
4
0
Capacitive sensing
Number of channels
24
24
21
12
12
12
12-bit ADCs
Number of channels
3
24
3
19
3
16
3
16
3
16
3
16
12-bit DAC channels
2
Internal voltage reference
buffer
Yes
No
Analog comparator
2
Operational amplifiers
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com