Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151R6 Datasheet(PDF) 131 Page - STMicroelectronics

Part # STM32L151R6
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151R6 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STM32L151R6 Datasheet HTML 125Page - STMicroelectronics STM32L151R6 Datasheet HTML 126Page - STMicroelectronics STM32L151R6 Datasheet HTML 127Page - STMicroelectronics STM32L151R6 Datasheet HTML 128Page - STMicroelectronics STM32L151R6 Datasheet HTML 129Page - STMicroelectronics STM32L151R6 Datasheet HTML 130Page - STMicroelectronics STM32L151R6 Datasheet HTML 131Page - STMicroelectronics STM32L151R6 Datasheet HTML 132Page - STMicroelectronics STM32L151R6 Datasheet HTML 133Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 131 / 133 page
background image
DocID17659 Rev 12
131/133
STM32L151x6/8/B STM32L152x6/8/B
Revision history
132
12-Nov-2013
9
(continued)
Updated Table 54: ADC characteristics and Figure 27: Typical
connection diagram using the ADC.
Table 58: Temperature sensor calibration values was previously in
Section 3.10.1: Temperature sensor. Updated Table 59:
Temperature sensor characteristics.
In Table 61: Comparator 2 characteristics, parameter dThreshold/dt,
replaced any occurrence of “VREF+” by “VREFINT”Updated
Table 63: LQPF100 14 x 14 mm, 100-pin low-profile quad flat
package mechanical data, Table 64: LQFP64 10 x 10 mm 64-pin
low-profile quad flat package mechanical data, Table 65: LQFP48 7
x 7 mm, 48-pin low-profile quad flat package mechanical data and
Table 66: UFQFPN48 7 x 7 mm, 0.5 mm pitch, ultra thin fine-pitch
quad flat no-lead package mechanical data.
Updated Figure 33: LQFP100 recommended footprint.
Updated Figure 46: TFBGA64 - 5.0x5.0x1.2 mm, 0.5 mm pitch, thin
fine-pitch ball grid array package outline title.
Remove minimum and typical values of A dimension in Table 67:
UFBGA100 7 x 7 x 0.6 mm 0.5 mm pitch, ultra thin fine-pitch ball
grid array package mechanical data
Deleted second footnote in Figure 42: UFQFPN48 recommended
footprint.
Updated Section 8: Ordering information title and added first
sentence.
Changed BOR disabled option identifier in Table 72: Ordering
information scheme.
22-Jul-2014
10
Updated Figure 14, Figure 15.
Updated Table 5.
Updated Figure 6.3.4.
Updated note 5 inside Table 54.
Updated Ro value inside Table 54.
Table 73. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com