Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L152C8 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM32L152C8
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152C8 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32L152C8 Datasheet HTML 38Page - STMicroelectronics STM32L152C8 Datasheet HTML 39Page - STMicroelectronics STM32L152C8 Datasheet HTML 40Page - STMicroelectronics STM32L152C8 Datasheet HTML 41Page - STMicroelectronics STM32L152C8 Datasheet HTML 42Page - STMicroelectronics STM32L152C8 Datasheet HTML 43Page - STMicroelectronics STM32L152C8 Datasheet HTML 44Page - STMicroelectronics STM32L152C8 Datasheet HTML 45Page - STMicroelectronics STM32L152C8 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 133 page
background image
Pin descriptions
STM32L151x6/8/B STM32L152x6/8/B
42/133
DocID17659 Rev 12
90 56 A4
A7
40
PB4
I/O
FT
NJTRST
TIM3_CH1/PB4/
SPI1_MISO/LCD_SEG8/
NJTRST
COMP2_INP
91 57 C4
C5
41
PB5
I/O
FT
PB5
I2C1_SMBA/TIM3_CH2/
SPI1_MOSI/LCD_SEG9
COMP2_INP
92 58 D3
B5
42
PB6
I/O
FT
PB6
I2C1_SCL/TIM4_CH1/
USART1_TX
93 59 C3
B4
43
PB7
I/O
FT
PB7
I2C1_SDA/TIM4_CH2/
USART1_RX
PVD_IN
94 60 B4
A4
44
BOOT0
I
B
BOOT0
-
-
95 61 B3
A3
45
PB8
I/O
FT
PB8
TIM4_CH3/I2C1_SCL/
LCD_SEG16/TIM10_CH1
-
96 62 A3
B3
46
PB9
I/O
FT
PB9
TIM4_CH4/I2C1_SDA/
LCD_COM3/TIM11_CH1
-
97
-
-
C3
-
PE0
I/O
FT
PE0
TIM4_ETR/LCD_SEG36/
TIM10_CH1
-
98
-
-
A2
-
PE1
I/O
FT
PE1
LCD_SEG37/TIM11_CH1
-
99 63 D4
D3
47
VSS_3
S-
VSS_3
--
100 64 E4
C4
48
VDD_3
S-
VDD_3
-
-
1. I = input, O = output, S = supply.
2. Function availability depends on the chosen device. For devices having reduced peripheral counts, it is always the lower
number of peripheral that is included. For example, if a device has only one SPI and two USARTs, they will be called SPI1
and USART1 & USART2, respectively. Refer to Table 2 on page 11.
3. Applicable to STM32L152xx devices only. In STM32L151xx devices, this pin should be connected to VDD.
4. The PC14 and PC15 I/Os are only configured as OSC32_IN/OSC32_OUT when the LSE oscillator is on (by setting the
LSEON bit in the RCC_CSR register). The LSE oscillator pins OSC32_IN/OSC32_OUT can be used as general-purpose
PC14/PC15 I/Os, respectively, when the LSE oscillator is off (after reset, the LSE oscillator is off). The LSE has priority over
the GPIO function. For more details, refer to Using the OSC32_IN/OSC32_OUT pins as GPIO PC14/PC15 port pins
section in the STM32L1xxxx reference manual (RM0038).
5. The PH0 and PH1 I/Os are only configured as OSC_IN/OSC_OUT when the HSE oscillator is on (by setting the HSEON bit
in the RCC_CR register). The HSE oscillator pins OSC_IN/OSC_OUT can be used as general-purpose PH0/PH1 I/Os,
respectively, when the HSE oscillator is off (after reset, the HSE oscillator is off). The HSE has priority over the GPIO
function.
6. Unlike in the LQFP64 package, there is no PC3 in the TFBGA64 package. The VREF+ functionality is provided instead.
Table 8. STM32L151x6/8/B and STM32L152x6/8/B pin definitions (continued)
Pins
Pin name
Main
function(2)
(after reset)
Pins functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com