Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32-RBN3T Datasheet(PDF) 12 Page - STMicroelectronics

Part # M24C32-RBN3T
Description  64Kbit and 32Kbit Serial I²C Bus EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-RBN3T Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M24C32-RBN3T Datasheet HTML 8Page - STMicroelectronics M24C32-RBN3T Datasheet HTML 9Page - STMicroelectronics M24C32-RBN3T Datasheet HTML 10Page - STMicroelectronics M24C32-RBN3T Datasheet HTML 11Page - STMicroelectronics M24C32-RBN3T Datasheet HTML 12Page - STMicroelectronics M24C32-RBN3T Datasheet HTML 13Page - STMicroelectronics M24C32-RBN3T Datasheet HTML 14Page - STMicroelectronics M24C32-RBN3T Datasheet HTML 15Page - STMicroelectronics M24C32-RBN3T Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
M24C64, M24C32
12/26
Figure 10. Read Mode Sequences
Note: 1. The seven most significant bits of the Device Select Code of a Random Read (in the 1st and 4th bytes) must be identical.
Read Operations
Read operations are performed independently of
the state of the Write Control (WC) signal.
After the successful completion of a Read opera-
tion, the device’s internal address counter is incre-
mented by one, to point to the next byte address.
Random Address Read
A dummy Write is first performed to load the ad-
dress into this address counter (as shown in Fig-
ure 10.) but
without sending a Stop condition.
Then, the bus master sends another Start condi-
tion, and repeats the Device Select Code, with the
Read/Write bit (RW) set to 1. The device acknowl-
edges this, and outputs the contents of the ad-
dressed
byte.
The
bus
master
must
not
acknowledge the byte, and terminates the transfer
with a Stop condition.
Current Address Read
For the Current Address Read operation, following
a Start condition, the bus master only sends a De-
vice Select Code with the Read/Write bit (RW) set
to 1. The device acknowledges this, and outputs
the byte addressed by the internal address
counter. The counter is then incremented. The bus
master terminates the transfer with a Stop condi-
tion, as shown in Figure 10.,
without acknowledg-
ing the byte.
DEV SEL *
BYTE ADDR
BYTE ADDR
DEV SEL
DATA OUT 1
AI01105C
DATA OUT N
CURRENT
ADDRESS
READ
DEV SEL
DATA OUT
RANDOM
ADDRESS
READ
DEV SEL *
DATA OUT
SEQUENTIAL
CURRENT
READ
DATA OUT N
DEV SEL *
BYTE ADDR
BYTE ADDR
SEQUENTIAL
RANDOM
READ
DEV SEL *
DATA OUT 1
ACK
R/W
NO ACK
ACK
R/W
ACK
ACK
ACK
R/W
ACK
ACK
ACK
NO ACK
R/W
NO ACK
ACK
ACK
ACK
R/W
ACK
ACK
R/W
ACK
NO ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com