Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0459110012 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0459110012
Description  EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 3Segments or 3.18mm Thick PC Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0459110012 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0459110012_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0459110012_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/09/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0459110012
Status:
Active
Overview:
Edge Card Connectors
Description:
EXTreme PowerEdge™, Mixed Power/Signal Card Edge Connector, Double Sided, 3
Segments or 3.18mm Thick PC Board
Documents:
3D Model
Packaging Specification PK-45714-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Edge Card Connectors
Series
45911
Circuit Size Range
1-64 Circuits
Component Type
Edgecard to PCB
Data Rate
Unrated
Edge Card Thickness
1.57mm
High Power Bay (30.0A or more)
Yes
Orientation
Vertical
Overview
Edge Card Connectors
Product Name
EXTreme PowerEdge™
Standard Based
General
UPC
822350702027
Physical
(p)ower-(s)ignal Configuration
8s - 2p - 2p
Circuits (Loaded)
12
Circuits (maximum)
12
Color - Resin
Black
Durability (mating cycles max)
250
Entry Angle
Vertical (Top Entry)
Flammability
94V-0
Keying to Mating Part
N/A
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
6.796/g
PC Tail Length
4.50mm
PCB Thickness - Recommended
3.18mm
Packaging Type
Tray
Pitch - Mating Interface
12.90mm
Plating min - Mating
0.762µm
Plating min - Termination
3.810µm
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3.0A, 40.0A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
005
Lead-freeProcess Capability
WAVE
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
45911 Series
Mates With
1.58mm Double Sided Card Edge


Similar Part No. - 0459110012_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0459110012 MOLEX6-0459110012 Datasheet
343Kb / 6P
12.90mm (.508") Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector, Double Sided, 3 Segments (Signal, Power, Power Sequence)
More results

Similar Description - 0459110012_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0459110007 MOLEX1-0459110007_17 Datasheet
48Kb / 2P
EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 3Segments or 3.18mm Thick PC Board
0459110009 MOLEX1-0459110009_17 Datasheet
48Kb / 2P
EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 3Segments or 3.18mm Thick PC Board
0459110010 MOLEX1-0459110010_17 Datasheet
48Kb / 2P
EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 3Segments or 3.18mm Thick PC Board
0459110011 MOLEX1-0459110011_17 Datasheet
48Kb / 2P
EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 3Segments or 3.18mm Thick PC Board
0459110015 MOLEX1-0459110015_17 Datasheet
48Kb / 2P
EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 3Segments Thick PC Board
0459110016 MOLEX1-0459110016_17 Datasheet
48Kb / 2P
EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 3Segments Thick PC Board
0459110017 MOLEX1-0459110017_17 Datasheet
48Kb / 2P
EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 3Segments Thick PC Board
0459110018 MOLEX1-0459110018_17 Datasheet
48Kb / 2P
EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 3Segments Thick PC Board
0459110032 MOLEX1-0459110032_17 Datasheet
48Kb / 2P
EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 4Segments or 3.18mm Thick PC Board
0459110034 MOLEX1-0459110034_17 Datasheet
48Kb / 2P
EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 4Segments or 3.18mm Thick PC Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com