Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3703 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 2 Page - Texas Instruments

  AM3703 Datasheet HTML 1Page - Texas Instruments AM3703 Datasheet HTML 2Page - Texas Instruments AM3703 Datasheet HTML 3Page - Texas Instruments AM3703 Datasheet HTML 4Page - Texas Instruments AM3703 Datasheet HTML 5Page - Texas Instruments AM3703 Datasheet HTML 6Page - Texas Instruments AM3703 Datasheet HTML 7Page - Texas Instruments AM3703 Datasheet HTML 8Page - Texas Instruments AM3703 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
[CIR] Modes)
Support for Non-Invasive Debug
•
Three Master/Slave High-Speed
– ARM Cortex-A8 Memory Architecture:
Inter-Integrated Circuit (I2C) Controllers
•
32K-Byte Instruction Cache (4-Way
– Camera Image Signal Processing (ISP)
Set-Associative)
•
CCD and CMOS Imager Interface
•
32K-Byte Data Cache (4-Way
Set-Associative)
•
Memory Data Input
•
256K-Byte L2 Cache
•
BT.601/BT.656 Digital YCbCr 4:2:2
(8-/10-Bit) Interface
– 32K-Byte ROM
•
Glueless Interface to Common Video
– 64K-Byte Shared SRAM
Decoders
– Endianess:
•
Resize Engine
•
ARM Instructions - Little Endian
– Resize Images From 1/4x to 4x
•
ARM Data
– Configurable
– Separate Horizontal/Vertical Control
• Removable Media Interfaces:
– System Direct Memory Access (SDMA)
– Three Multimedia Card (MMC)/ Secure Digital
Controller (32 Logical Channels With
(SD) With Secure Data I/O (SDIO)
Configurable Priority)
• Test Interfaces
– Comprehensive Power, Reset, and Clock
– IEEE-1149.1 (JTAG) Boundary-Scan
Management
Compatible
•
SmartReflexTM Technology
– Embedded Trace Macro Interface (ETM)
•
Dynamic Voltage and Frequency Scaling
– Serial Data Transport Interface (SDTI)
(DVFS)
• 12 32-bit General Purpose Timers
– Sitara™ ARM® Cortex™-A8 Core
• 2 32-bit Watchdog Timers
•
ARMv7 Architecture
• 1 32-bit Secure Watchdog Timer
– TrustZone®
• 1 32-bit 32-kHz Sync Timer
– Thumb®-2
• Up to 188 General-Purpose I/O (GPIO) Pins
– MMU Enhancements
(Multiplexed With Other Device Functions)
•
In-Order, Dual-Issue, Superscalar
• 45-nm CMOS Technology
Microprocessor Core
• Package-On-Package (POP) Implementation for
•
NEON Multimedia Architecture
Memory Stacking (Not Available in CUS
•
Over 2x Performance of ARMv6 SIMD
Package)
•
Supports Both Integer and Floating Point
• Packages:
SIMD
– 515-pin s-PBGA package (CBP Suffix), .5mm
•
Jazelle® RCT Execution Environment
Ball Pitch (Top), .4mm Ball Pitch (Bottom)
Architecture
– 515-pin s-PBGA package (CBC
•
Dynamic Branch Prediction with Branch
Suffix), .65mm Ball Pitch (Top), .5mm Ball
Target Address Cache, Global History
Pitch (Bottom)
Buffer, and 8-Entry Return Stack
– 423-pin s-PBGA package (CUS
•
Embedded Trace Macrocell (ETM)
Suffix), .65mm Ball Pitch
2
AM3715, AM3703 Sitara ARM Microprocessors
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com