Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3703CUSNEST Datasheet(PDF) 1 Page - Texas Instruments

Part # AM3703CUSNEST
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703CUSNEST Datasheet(HTML) 1 Page - Texas Instruments

  AM3703CUSNEST Datasheet HTML 1Page - Texas Instruments AM3703CUSNEST Datasheet HTML 2Page - Texas Instruments AM3703CUSNEST Datasheet HTML 3Page - Texas Instruments AM3703CUSNEST Datasheet HTML 4Page - Texas Instruments AM3703CUSNEST Datasheet HTML 5Page - Texas Instruments AM3703CUSNEST Datasheet HTML 6Page - Texas Instruments AM3703CUSNEST Datasheet HTML 7Page - Texas Instruments AM3703CUSNEST Datasheet HTML 8Page - Texas Instruments AM3703CUSNEST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
AM3715, AM3703
Sitara ARM Microprocessors
Check for Samples: AM3715, AM3703
1
AM3715, AM3703 Sitara ARM Microprocessors
1.1
Features
123456
Pseudo-SRAM
• AM3715/03 Sitara ARM Microprocessors:
– Flexible Asynchronous Protocol
– Compatible with OMAP™ 3 Architecture
Control for Interface to Custom Logic
– Sitara™ ARM® Microprocessor (MPU)
(FPGA, CPLD, ASICs, etc.)
Subsystem
– Nonmultiplexed Address/Data Mode
•
Up to 1-GHz Sitara
™ ARM® Cortex™-A8
(Limited 2K-Byte Address Space)
Core
– 1.8-V I/O and 3.0-V (MMC1 only),
Also supports 300, 600, and 800-MHz
0.9-V to 1.2-V Adaptive Processor Core
operation
Voltage
•
NEON
™ SIMD Coprocessor
0.9-V to 1.1-V Adaptive Core Logic Voltage
– POWERVR SGX™ Graphics Accelerator
Note: These are default Operating
(AM3715 only)
Performance Point (OPP) voltages and could
•
Tile Based Architecture Delivering up to
be optimized to lower values using
20 MPoly/sec
SmartReflex AVS.
•
Universal Scalable Shader Engine:
– Commercial, Industrial, and Extended
Multi-threaded Engine Incorporating Pixel
Temperature Grades
and Vertex Shader Functionality
– Serial Communication
•
Industry Standard API Support:
•
5 Multichannel Buffered Serial Ports
OpenGLES 1.1 and 2.0, OpenVG1.0
(McBSPs)
•
Fine Grained Task Switching, Load
– 512 Byte Transmit/Receive Buffer
Balancing, and Power Management
(McBSP1/3/4/5)
•
Programmable High Quality Image
– 5K-Byte Transmit/Receive Buffer
Anti-Aliasing
(McBSP2)
– External Memory Interfaces:
– SIDETONE Core Support (McBSP2 and
•
SDRAM Controller (SDRC)
3 Only) For Filter, Gain, and Mix
– 16, 32-bit Memory Controller With
Operations
1G-Byte Total Address Space
– Direct Interface to I2S and PCM Device
– Interfaces to Low-Power SDRAM
and T Buses
– SDRAM Memory Scheduler (SMS) and
– 128 Channel Transmit/Receive Mode
Rotation Engine
•
Four Master/Slave Multichannel Serial
•
General Purpose Memory Controller
Port Interface (McSPI) Ports
(GPMC)
•
High-Speed/Full-Speed/Low-Speed USB
– 16-bit Wide Multiplexed Address/Data
OTG Subsystem (12-/8-Pin ULPI Interface)
Bus
•
High-Speed/Full-Speed/Low-Speed
– Up to 8 Chip Select Pins With
Multiport USB Host Subsystem
128M-Byte Address Space per Chip
– 12-/8-Pin ULPI Interface or 6-/4-/3-Pin
Select Pin
Serial Interface
– Glueless Interface to NOR Flash,
•
One HDQ/1-Wire Interface
NAND Flash (With ECC Hamming
•
Four UARTs (One with Infrared Data
Code Calculation), SRAM and
Association [IrDA] and Consumer Infrared
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
POWERVR SGX is a trademark of Imagination Technologies Ltd.
3
OMAP, Sitara are trademarks of Texas Instruments.
4
Cortex, NEON are trademarks of ARM Limited.
5
ARM is a registered trademark of ARM Ltd.
6
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AM3703CUSNEST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3703CUS TI-AM3703CUS Datasheet
2Mb / 280P
Sitara ARM Microprocessors
AM3703CUS100 TI-AM3703CUS100 Datasheet
2Mb / 280P
Sitara ARM Microprocessors
AM3703CUSA TI-AM3703CUSA Datasheet
2Mb / 280P
Sitara ARM Microprocessors
AM3703CUSD100 TI-AM3703CUSD100 Datasheet
2Mb / 280P
Sitara ARM Microprocessors
More results

Similar Description - AM3703CUSNEST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3892 TI-AM3892 Datasheet
1Mb / 299P
AM389x Sitara ARM Microprocessors (MPUs)
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
AM387x Sitara ARM Microprocessors (MPUs)
AM3703 TI1-AM3703 Datasheet
3Mb / 280P
AM3715, AM3703 Sitara ARM Microprocessors
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3715CBP TI-AM3715CBP Datasheet
2Mb / 280P
Sitara ARM Microprocessors
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3517 TI1-AM3517_14 Datasheet
1Mb / 223P
ARM Microprocessors
AM3517 TI1-AM3517_12 Datasheet
1Mb / 222P
ARM Microprocessors
AM3874 TI1-AM3874_16 Datasheet
2Mb / 358P
Sitara ARM Processors
AM3894 TI1-AM3894_15 Datasheet
2Mb / 313P
Sitara ARM Microprocessors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com