Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC16550D Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC16550D
Description  PC16550D Universal Asynchronous Receiver/Transmitter with FIFOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC16550D Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button PC16550D Datasheet HTML 14Page - National Semiconductor (TI) PC16550D Datasheet HTML 15Page - National Semiconductor (TI) PC16550D Datasheet HTML 16Page - National Semiconductor (TI) PC16550D Datasheet HTML 17Page - National Semiconductor (TI) PC16550D Datasheet HTML 18Page - National Semiconductor (TI) PC16550D Datasheet HTML 19Page - National Semiconductor (TI) PC16550D Datasheet HTML 20Page - National Semiconductor (TI) PC16550D Datasheet HTML 21Page - National Semiconductor (TI) PC16550D Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
80
Registers (Continued)
Bit 7
This bit is the complement of the Data Carrier Detect
(DCD) input If bit 4 of the MCR is set to a 1 this bit is
equivalent to OUT 2 in the MCR
810
SCRATCHPAD REGISTER
This 8-bit ReadWrite Register does not control the UART
in anyway It is intended as a scratchpad register to be used
by the programmer to hold data temporarily
811
FIFO INTERRUPT MODE OPERATION
When the RCVR FIFO and receiver interrupts are enabled
(FCR0e1 IER0e1) RCVR interrupts will occur as follows
A The receive data available interrupt will be issued to the
CPU when the FIFO has reached its programmed trigger
level it will be cleared as soon as the FIFO drops below
its programmed trigger level
B The IIR receive data available indication also occurs
when the FIFO trigger level is reached and like the inter-
rupt it is cleared when the FIFO drops below the trigger
level
C The receiver line status interrupt (IIRe06) as before
has higher priority than the received data available
(IIRe04) interrupt
D The data ready bit (LSR0) is set as soon as a character is
transferred from the shift register to the RCVR FIFO It is
reset when the FIFO is empty
When RCVR FIFO and receiver interrupts are enabled
RCVR FIFO timeout interrupts will occur as follows
A A FIFO timeout interrupt will occur if the following condi-
tions exist
at least one character is in the FIFO
the most recent serial character received was
longer than 4 continuous character times ago (if 2
stop bits are programmed the second one is in-
cluded in this time delay)
the most recent CPU read of the FIFO was longer
than 4 continuous character times ago
The maximum time between a received character and a
timeout interrupt will be 160 ms at 300 baud with a 12-bit
receive character (ie 1 Start 8 Data 1 Parity and 2 Stop
Bits)
B Character times are calculated by using the RCLK input
for a clock signal (this makes the delay proportional to
the baudrate)
C When a timeout interrupt has occurred it is cleared and
the timer reset when the CPU reads one character from
the RCVR FIFO
D When a timeout interrupt has not occurred the timeout
timer is reset after a new character is received or after
the CPU reads the RCVR FIFO
When the XMIT FIFO and transmitter interrupts are enabled
(FCR0e1 IER1e1) XMIT interrupts will occur as follows
A The transmitter holding register interrupt (02) occurs
when the XMIT FIFO is empty it is cleared as soon as
the transmitter holding register is written to (1 to 16 char-
acters may be written to the XMIT FIFO while servicing
this interrupt) or the IIR is read
B The transmitter FIFO empty indications will be delayed 1
character time minus the last stop bit time whenever the
following occurs THREe1 and there have not been at
least two bytes at the same time in the transmit FIFO
since the last THREe1 The first transmitter interrupt af-
ter changing FCR0 will be immediate if it is enabled
Character timeout and RCVR FIFO trigger level interrupts
have the same priority as the current received data avail-
able interrupt XMIT FIFO empty has the same priority as
the current transmitter holding register empty interrupt
812
FIFO POLLED MODE OPERATION
With FCR0e1 resetting IER0 IER1 IER2 IER3 or all to
zero puts the UART in the FIFO Polled Mode of operation
Since the RCVR and XMITTER are controlled separately
either one or both can be in the polled mode of operation
In this mode the user’s program will check RCVR and XMIT-
TER status via the LSR As stated previously
LSR0 will be set as long as there is one byte in the RCVR
FIFO
LSR1 to LSR4 will specify which error(s) has occurred
Character error status is handled the same way as when
in the interrupt mode the IIR is not affected since
IER2e0
LSR5 will indicate when the XMIT FIFO is empty
LSR6 will indicate that both the XMIT FIFO and shift reg-
ister are empty
LSR7 will indicate whether there are any errors in the
RCVR FIFO
There is no trigger level reached or timeout condition indi-
cated in the FIFO Polled Mode however the RCVR and
XMIT FIFOs are still fully capable of holding characters
90
Typical Applications
Typical Interface for a
High-Capacity Data Bus
TLC8652 – 23
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com