Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STO150GK08S Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # STO150GK08S
Description  Single Thyristor Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STO150GK08S Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  STO150GK08S Datasheet HTML 1Page - Sirectifier Semiconductors STO150GK08S Datasheet HTML 2Page - Sirectifier Semiconductors STO150GK08S Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STO150GKXXS
Symbol
Test Conditions
Maximum Ratings
Unit
A
TVJ=45
oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
2000
2150
1750
1850
A
ITSM
TVJ=45
oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
20000
19400
15300
14400
A
2s
I
2t
(di/dt)cr
150
500
A/us
(dv/dt)cr
TVJ=TVJM;
VDR=2/3VDRM
RGK=
; method 1 (linear voltage rise)
1000
V/us
PGM
TVJ=TVJM
tp=30us
IT=ITAVM
tp=300us
10
5
W
PGAVM
0.5
oC
TVJ
TVJM
Tstg
-40...+150
150
-40...+125
VISOL
50/60Hz, RMS
IISOL<1mA
2500
V~
Md
Mounting torque (M4)
Terminal connection torque (M4)
_
1.1-1.5/9-13
1.1-1.5/9-13
Nm/lb.in.
Weight
typical
30
g
TVJ=TVJM
repetitive, IT=150A
f=50Hz, tp=200us
VD=2/3VDRM
IG=0.3A
non repetitive, IT=ITAVM
diG/dt=0.3A/us
VRGM
10
V
T
VJ = TVJM
235
T
C = 80
o
C; (180
o
sine)
150
ITAVM
ITRMS
Single Thyristor Modules
Type
STO1
50GK12S
VRRM
VDRM
V
1200
VRSM
VDSM
V
1300
STO1
50GK08S
800
900
1600
STO1
50GK16S
1700
SOT -227B (ISOTOP)
A3
K4
G1
K2
Page1
© 2009 SIRECTIFIER All rights reserved
www.sirectifier.com Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com


Similar Part No. - STO150GK08S

ManufacturerPart #DatasheetDescription
logo
Lumberg
STO1 LUMBERG-STO1 Datasheet
425Kb / 3P
RCA connectors
logo
Sirectifier Semiconduct...
STO100GK08S SIRECTIFIER-STO100GK08S Datasheet
451Kb / 3P
Single Thyristor Modules
STO100GK12S SIRECTIFIER-STO100GK12S Datasheet
451Kb / 3P
Single Thyristor Modules
STO100GK16S SIRECTIFIER-STO100GK16S Datasheet
451Kb / 3P
Single Thyristor Modules
STO100GKXXS SIRECTIFIER-STO100GKXXS Datasheet
451Kb / 3P
Single Thyristor Modules
More results

Similar Description - STO150GK08S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
IXYS Corporation
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
Thyristor Modules Thyristor/Diode Modules
logo
Sirectifier Semiconduct...
STO50GKXXS SIRECTIFIER-STO50GKXXS Datasheet
465Kb / 2P
Single Thyristor Modules
STO75GK08S SIRECTIFIER-STO75GK08S Datasheet
554Kb / 3P
Single Thyristor Modules
STO100GKXXS SIRECTIFIER-STO100GKXXS Datasheet
451Kb / 3P
Single Thyristor Modules
STO75GKXXS SIRECTIFIER-STO75GKXXS Datasheet
554Kb / 3P
Single Thyristor Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com