Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STYN265 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # STYN265
Description  Thyristor Discretes (SCRs)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STYN265 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  STYN265 Datasheet HTML 1Page - Sirectifier Semiconductors STYN265 Datasheet HTML 2Page - Sirectifier Semiconductors STYN265 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STYN265 thru STYN1865
Symbol
Test Conditions
Characteristic Values
Unit
V
VT
IT=65A; TVJ=25oC
1.60
VTO
For power-loss calculations only (TVJ=125oC)
0.85
V
rT
11
m
VD=6V;
TVJ=25oC
TVJ=-40oC
VGT
1.5
1.6
V
VD=6V;
TVJ=25oC
TVJ=-40oC
IGT
100
200
mA
VGD
TVJ=TVJM;
VD=2/3VDRM
0.2
V
IGD
10
mA
IH
TVJ=25oC; VD=6V; RGK=
100
mA
TVJ=25oC; tp=10us;
IG=0.3A; diG/dt=0.3A/us
150
mA
IL
DC current
RthJC
0.62
K/W
DC current
RthJH
0.82
K/W
a
Max. acceleration, 50 Hz
50
m/s2
IR, ID
TVJ=TVJM; VR=VRRM; VD=VDRM
5
mA
TVJ=25oC; VD=1/2VDRM
IG=0.3A; diG/dt=0.3A/us
tgd
2
us
typ.
1.50
STYN265~865 STYN1065~1865
Thyristor Discretes (SCRs)
1
10
100
1000
10000
0.1
1
10
IG
VG
mA
V
4
2
1
5
6
3
F ig. 1 Gate trigger range
IG D, TVJ =125°C
4: P G AV = 0.5 W
5: P GM = 5 W
6: P GM = 10 W
1: IG T , TVJ = 125°C
2: IG T , TVJ = 25°C
3: IG T , TVJ = -40°C
10
100
1000
1
10
100
1000
s
tgd
mA
typ.
Limit
IG
F ig. 2 Gate controlled delay time t
gd
TVJ = 25°C
P2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com