Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STYN875 Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # STYN875
Description  Thyristor Discretes (SCRs)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STYN875 Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  STYN875 Datasheet HTML 1Page - Sirectifier Semiconductors STYN875 Datasheet HTML 2Page - Sirectifier Semiconductors STYN875 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
STYN875 thru STYN1875
Thyristor Discretes (SCRs)
100
101
102
103
104
0,0
0,1
0,2
0,3
0,4
Z
thJC
[K/W]
80
dc =
1
60
0.5
0.4
0.33
0.17
0.08
40
20
0
0
25
50
100 125 150
IT(AV)M
[A]
75
TC [°C]
Fig. 6 Max. forward current
at case temperature
t [ms]
Fig. 8 Transient thermal impedance junction to case
0
20
40
0
20
40
60
80
I
T(AV) [A]
P
(AV)
[W]
Fig. 7a Power dissipation versus direct output current
Fig. 7b and ambient temperature
0
50
100
150
T
amb [°C]
dc =
1
0.5
0.4
0.33
0.17
0.08
10
100
1000
1
10
100
1000
1
10
100
1000 10000
0,1
1
10
VG
[V]
tgd
[µs]
typ.
Limit
TVJ = 125°C
I
G [mA]
Fig. 4 Gate trigger characteristics
I
G [mA]
Fig. 5 Gate controlled delay time
6
4
5
2
1
3
1: IGD, TVJ= 150°C
2: IGT, TVJ = 25°C
3: IGT, TVJ = -40°C
R
thHA
0.6
0.8
1.0
2.0
4.0
8.0
4: PGAV= 0.5 W
5: PGM = 5 W
6: PGM = 10 W
R
thi [K/W]
t
i [s]
0.044
0.011
0.039
0.0001
0.047
0.02
0.09
0.4
0.18
0.12
P3
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com