Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RO25002NM Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # RO25002NM
Description  RO, 2dBi, 2300-2700 MHz, NM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

RO25002NM Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  RO25002NM Datasheet HTML 1Page - Pulse A Technitrol Company RO25002NM Datasheet HTML 2Page - Pulse A Technitrol Company RO25002NM Datasheet HTML 3Page - Pulse A Technitrol Company RO25002NM Datasheet HTML 4Page - Pulse A Technitrol Company RO25002NM Datasheet HTML 5Page - Pulse A Technitrol Company RO25002NM Datasheet HTML 6Page - Pulse A Technitrol Company RO25002NM Datasheet HTML 7Page - Pulse A Technitrol Company RO25002NM Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Issue: 1711
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: RO, 2dBi, 2300-2700 MHz, NM
PART NUMBER: RO25002NM
Series: Radome Omni
2
Antenna Type
Dipole
(All electrical performance measured “in free space”)
Frequency
2300-2700 MHz
Nominal Impedance
50
VSWR
2:1
Radiation Pattern
Omni
HPBW / Vertical Plane
70 °
Gain
2 dBi
Efficiency
85 %
Polarization
Vertical
Power Withstanding
50 W
PIM at 2x20 watts
-155 dBc
E.S.D. Protection
DC Grounded
Overall Length
121.9 mm
Weight
91 g
Antenna Color / Material
White / Polyester-fiberglass, UV protected
Connector type
N-Male
Operating Temperature
-40/+85° C
Ingress Protection
IP67
Wind-loading
241.4 km/h (150 mph)
Temperature Cyclic
-40°C dwell 6 hours/+65°C dwell 6 hours, 4 full cycles
Leak test
Fully
submerged 12”, 12 hours
RoHS Compliant
Yes
MECHANICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS
ELECTRICAL SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com