Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2H100ZF Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS2H100ZF
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2H100ZF Datasheet(HTML) 3 Page - STMicroelectronics

  STPS2H100ZF Datasheet HTML 1Page - STMicroelectronics STPS2H100ZF Datasheet HTML 2Page - STMicroelectronics STPS2H100ZF Datasheet HTML 3Page - STMicroelectronics STPS2H100ZF Datasheet HTML 4Page - STMicroelectronics STPS2H100ZF Datasheet HTML 5Page - STMicroelectronics STPS2H100ZF Datasheet HTML 6Page - STMicroelectronics STPS2H100ZF Datasheet HTML 7Page - STMicroelectronics STPS2H100ZF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STPS2H100ZF
Characteristics
DocID029645 Rev 1
3/8
1.1
Characteristics (curves)
Figure 1: Average forward power dissipation
versus average forward current
Figure 2: Average forward current versus ambient
temperature (δ = 0.5)
Figure 3: Normalized avalanche power derating
versus pulse duration (Tj = 125 °C)
Figure 4: Relative variation of thermal impedance
junction to lead versus pulse duration
Figure 5: Reverse leakage current versus reverse
voltage applied (typical values)
Figure 6: Junction capacitance versus reverse
voltage applied (typical values)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ = tp/T
tp
IF(AV)(A)
PF(AV)(W)
0
1
2
3
4
5
6
7
0
25
50
75
100
125
150
175
R
th(j-a) = Rth(j-l)
T
δ= tp/T
tp
IF(AV)(A)
Tamb(°C)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
Zth(j-l)/Rth(j-l)
tp(s)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
10
20
30
40
50
60
70
80
90
100
T
j = 150 °C
T
j = 125 °C
T
j = 25 °C
T
j = 100 °C
T
j = 50 °C
T
j = 75 °C
VR(V)
IR(µA)
10
100
1
10
100
F = 1 MHz
V
OSC = 30 mVRMS
T
j = 25 °C
VR(V)
C(pF)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com