Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS140ZY Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS140ZY
Description  Automotive power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS140ZY Datasheet(HTML) 2 Page - STMicroelectronics

  STPS140ZY Datasheet HTML 1Page - STMicroelectronics STPS140ZY Datasheet HTML 2Page - STMicroelectronics STPS140ZY Datasheet HTML 3Page - STMicroelectronics STPS140ZY Datasheet HTML 4Page - STMicroelectronics STPS140ZY Datasheet HTML 5Page - STMicroelectronics STPS140ZY Datasheet HTML 6Page - STMicroelectronics STPS140ZY Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STPS140Z-Y
2/7
Doc ID 023830 Rev 1
1
Characteristics
Table 2.
Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
40
V
IF
Continuous forward current
Tamb = 60 °C
1
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
5.5
A
IRRM
Repetitive peak reverse current
tp = 2 µs F = 1 kHz square
0.5
A
IRSM
Non repetitive peak reverse current
tp = 100 µs square
1
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Operating junction temperature (1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
- 40 to + 150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient(1)
1.
Mounted on epoxy board.
500
°C/W
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms,  < 2%
Reverse leakage current
Tj = 25 °C
VR = 5 V
10
µA
Tj = 25 °C
VR = 40 V
40
Tj = 100 °C
1.5
5
VF
(2)
2.
Pulse test: tp = 380 ms,  < 2%
To evaluate the maximum conduction losses use the following equation:
P = 0.2 x IF(AV) + 0.3 x IF
2
(RMS) at Tj = 150 °C
Forward voltage drop
Tj = 25 °C
IF = 1 A
0.55
V
Tj = 100 °C
0.45
0.51
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com