Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS0540ZY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS0540ZY
Description  Automotive Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS0540ZY Datasheet(HTML) 1 Page - STMicroelectronics

  STPS0540ZY Datasheet HTML 1Page - STMicroelectronics STPS0540ZY Datasheet HTML 2Page - STMicroelectronics STPS0540ZY Datasheet HTML 3Page - STMicroelectronics STPS0540ZY Datasheet HTML 4Page - STMicroelectronics STPS0540ZY Datasheet HTML 5Page - STMicroelectronics STPS0540ZY Datasheet HTML 6Page - STMicroelectronics STPS0540ZY Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
November 2011
Doc ID 17966 Rev 1
1/7
7
STPS0540-Y
Automotive Schottky rectifier
Features
■ Very small conduction losses
■ Negligible switching losses
■ Extremely fast switching
■ ECOPACK®2 compliant component
■ AEC-Q101 qualified
Description
Single Schottky rectifier suited for switch mode
power supplies and high frequency DC to DC
converters.
Packages in SOD-123, these devices is intended
for use in low voltage, high frequency inverters,
free wheeling and polarity protection for
automotive applications.
Table 1.
Device summary
Symbol
Value
IF(AV)
0.5 A
VRRM
40 V
VF(max)
0.40 V
SOD-123
STPS0540ZY
www.st.com


Similar Part No. - STPS0540ZY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS0540ZY STMICROELECTRONICS-STPS0540ZY Datasheet
90Kb / 7P
Automotive Schottky rectifier
03-Nov-2011
More results

Similar Description - STPS0540ZY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y Datasheet
112Kb / 9P
Automotive power Schottky rectifier
03-Dec-2010
STPS3L40-Y STMICROELECTRONICS-STPS3L40-Y Datasheet
81Kb / 7P
Automotive power Schottky rectifier
10-Mar-2011
STPS3L60-Y STMICROELECTRONICS-STPS3L60-Y Datasheet
87Kb / 7P
Automotive power Schottky rectifier
15-Sep-2011
STPS5L60-Y STMICROELECTRONICS-STPS5L60-Y Datasheet
187Kb / 7P
Automotive power Schottky rectifier
29-Mar-2012
STPS140-Y STMICROELECTRONICS-STPS140-Y Datasheet
103Kb / 9P
Automotive power Schottky rectifier
10-Dec-2010
STPS340-Y STMICROELECTRONICS-STPS340-Y Datasheet
99Kb / 8P
Automotive power Schottky rectifier
24-Oct-2012
STPS5L60SY STMICROELECTRONICS-STPS5L60SY Datasheet
187Kb / 7P
Automotive power Schottky rectifier
29-Mar-2012
STPS3150UY STMICROELECTRONICS-STPS3150UY Datasheet
95Kb / 7P
Automotive power Schottky rectifier
03-Nov-2011
STPS0540ZY STMICROELECTRONICS-STPS0540ZY Datasheet
90Kb / 7P
Automotive Schottky rectifier
03-Nov-2011
STPS640C-Y STMICROELECTRONICS-STPS640C-Y Datasheet
198Kb / 8P
Automotive power Schottky rectifier
04-Dec-2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com