Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPTIC-47G2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPTIC-47G2
Description  Low leakage current
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-47G2 Datasheet(HTML) 1 Page - STMicroelectronics

  STPTIC-47G2 Datasheet HTML 1Page - STMicroelectronics STPTIC-47G2 Datasheet HTML 2Page - STMicroelectronics STPTIC-47G2 Datasheet HTML 3Page - STMicroelectronics STPTIC-47G2 Datasheet HTML 4Page - STMicroelectronics STPTIC-47G2 Datasheet HTML 5Page - STMicroelectronics STPTIC-47G2 Datasheet HTML 6Page - STMicroelectronics STPTIC-47G2 Datasheet HTML 7Page - STMicroelectronics STPTIC-47G2 Datasheet HTML 8Page - STMicroelectronics STPTIC-47G2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This is information on a product in full production.
July 2015
DocID028154 Rev 1
1/11
STPTIC-47G2
Parascan™ tunable integrated capacitor
Datasheet
- production data
Features
• High power capability
• 5:1 tuning range
• High linearity
• High quality factor (Q)
• Low leakage current
• Compatible with high voltage control IC
(STHVDAC series)
• Available in wafer level chip scale package:
– WLCSP package 0.61 x 0.66 x 0.3 mm
• ECOPACK®2 compliant component
Benefit
• RF tunable passive implementation in mobile
phones to optimize antenna radiated
performance
Applications
• Cellular antenna open loop tunable matching
network in multi-band GSM/WCDMA/LTE
mobile phone
• Open loop tunable RF filters
Description
The ST integrated tunable capacitor offers
excellent RF performance, low power
consumption and high linearity required in
adaptive RF tuning applications. The fundamental
building block of PTIC is a tunable material called
Parascan™, which is a version of barium
strontium titanate (BST) developed by Paratek
Microwave.
BST capacitors are tunable capacitors intended
for use in mobile phone application and dedicated
to RF tunable applications. These tunable
capacitors are controlled through an extended
bias voltage ranging from 1 to 24 V. The
implementation of BST tunable capacitor in
mobile phones enables significant improvement
in terms of radiated performance making the
performance almost insensitive to the external
environment.
Figure 1. PTIC functional block diagram
TM: Parascan is a trademark of Paratek Microwave Inc.
www.st.com


Similar Part No. - STPTIC-47G2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPTIC-47G2C5 STMICROELECTRONICS-STPTIC-47G2C5 Datasheet
264Kb / 10P
Parascan tunable integrated capacitor
04-Dec-2015
STPTIC-47G2H5 STMICROELECTRONICS-STPTIC-47G2H5 Datasheet
264Kb / 10P
Parascan tunable integrated capacitor
04-Dec-2015
STPTIC-47G2M6 STMICROELECTRONICS-STPTIC-47G2M6 Datasheet
264Kb / 10P
Parascan tunable integrated capacitor
04-Dec-2015
More results

Similar Description - STPTIC-47G2

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
DL4001 DEC-DL4001 Datasheet
947Kb / 2P
Low leakage current
logo
Inchange Semiconductor ...
20N50 ISC-20N50 Datasheet
146Kb / 2P
Low leakage current
logo
Nanjing International G...
BAV170 DGNJDZ-BAV170 Datasheet
869Kb / 1P
Low Leakage Current
logo
American Microsemicondu...
1N34A AMMSEMI-1N34A Datasheet
179Kb / 1P
Low Leakage Current
logo
TE Connectivity Ltd
EBP TEC-EBP Datasheet
177Kb / 3P
Low leakage current
logo
TT Electronics.
QDN006 TTELEC-QDN006 Datasheet
308Kb / 3P
Low leakage current
logo
Vishay Siliconix
VS-ETL1506-M3 VISHAY-VS-ETL1506-M3 Datasheet
218Kb / 9P
Low leakage current
08-Jul-15
VS-ETU1506-M3 VISHAY-VS-ETU1506-M3 Datasheet
183Kb / 8P
Low leakage current
08-Jul-15
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
232Kb / 8P
Low leakage current
04-Aug-2014
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
Low Leakage Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com