Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2L06-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH2L06-Y
Description  Low conduction losses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2L06-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STTH2L06-Y Datasheet HTML 1Page - STMicroelectronics STTH2L06-Y Datasheet HTML 2Page - STMicroelectronics STTH2L06-Y Datasheet HTML 3Page - STMicroelectronics STTH2L06-Y Datasheet HTML 4Page - STMicroelectronics STTH2L06-Y Datasheet HTML 5Page - STMicroelectronics STTH2L06-Y Datasheet HTML 6Page - STMicroelectronics STTH2L06-Y Datasheet HTML 7Page - STMicroelectronics STTH2L06-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STTH2L06-Y
4/8
DocID026715 Rev 1
Figure 7. Reverse recovery charges versus
dIF/dt (typical values)
Figure 8. Relative variation of dynamic
parameters versus junction temperature
QnC
rr()
0
100
200
300
400
500
600
700
800
0
100
200
300
400
500
dI /dt A/µ
F
(s)
V = 400 V
R
T = 125 °C
j
I = 2 x I (av)
FF
I = I (av)
FF
I = 0.5 x I (av)
FF
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
I = I (av)
FF
V = 400 V
R
Reference: T = 125 °C
j
T°C
j()
QRR
tRR
IRM
Figure 9. Transient peak forward voltage versus
dIF/dt (typical values)
Figure 10. Forward recovery time versus dIF/dt
(typical values)
VV
FP()
0
2
4
6
8
10
12
20
40
60
80
100
120
140
160
180
200
I= 2 A
F
T = 125 °C
j
dI /dt A/µ
F
(s)
tns)
FR(
0
20
40
60
80
100
20
40
60
80
100
120
140
160
180
200
dI /dt A/µ
F
(s)
I= 2 A
F
V
= 2.5 V
FR
T = 125 °C
j
Figure 11. Junction capacitance versus reverse
voltage applied (typical values)
Figure 12. Thermal resistance junction to
ambient versus copper surface under each lead
(typical values)
C pF)
(
1
10
100
1
10
100
1000
F = 1 MHz
V
= 30 mV
osc
RMS
T = 25 °C
j
VR(V)
Rth(j-a)(°C/W)
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SMBflat
S
(cm²)
cu
epoxy printed circuit board FR4, copper thickness: 35 µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com