Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2R06-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH2R06-Y
Description  Low leakage current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2R06-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH2R06-Y Datasheet HTML 1Page - STMicroelectronics STTH2R06-Y Datasheet HTML 2Page - STMicroelectronics STTH2R06-Y Datasheet HTML 3Page - STMicroelectronics STTH2R06-Y Datasheet HTML 4Page - STMicroelectronics STTH2R06-Y Datasheet HTML 5Page - STMicroelectronics STTH2R06-Y Datasheet HTML 6Page - STMicroelectronics STTH2R06-Y Datasheet HTML 7Page - STMicroelectronics STTH2R06-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
August 2014
DocID026718 Rev 1
1/8
STTH2R06-Y
Automotive Turbo 2 ultrafast high voltage rectifier
Datasheet
- production data
Features
• Ultrafast recovery
• Low switching losses
• High surge capability
• Low leakage current
• High junction temperature
• AEC-Q101 qualified
• ECOPACK®2 compliant component
• VRRM guaranteed from -40 to +175 °C
Description
The STTH2R06-Y is an ultrafast recovery power
rectifier dedicated to energy recovery in
automotive application housed in SMBflat to
improve space saving.
It is especially designed for clamping function in
energy recovery block.
The compromise between forward voltage drop
and recovery time offers optimized performances.
K
A
SMBflat
K
A
Table 1. Device summary
Symbol
Value
IF(AV)
2 A
VRRM
600 V
Tj (max)
175 °C
VF (typ)
1.1 V
Trr (typ)
35 ns
www.st.com


Similar Part No. - STTH2R06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
251Kb / 9P
Automotive 2 A - 600 V turbo 2 ultrafast rectifier
02-May-2022
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y_V01 Datasheet
251Kb / 9P
Automotive 2 A - 600 V turbo 2 ultrafast rectifier
02-May-2022
More results

Similar Description - STTH2R06-Y

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
DL4001 DEC-DL4001 Datasheet
947Kb / 2P
Low leakage current
logo
Gennum Corporation
0571P GENNUM-0571P Datasheet
942Kb / 14P
Low leakage current
logo
Inchange Semiconductor ...
20N50 ISC-20N50 Datasheet
146Kb / 2P
Low leakage current
logo
Nanjing International G...
BAV170 DGNJDZ-BAV170 Datasheet
869Kb / 1P
Low Leakage Current
logo
American Microsemicondu...
1N34A AMMSEMI-1N34A Datasheet
179Kb / 1P
Low Leakage Current
logo
TE Connectivity Ltd
EBP TEC-EBP Datasheet
177Kb / 3P
Low leakage current
logo
TT Electronics.
QDN006 TTELEC-QDN006 Datasheet
308Kb / 3P
Low leakage current
logo
Vishay Siliconix
VS-ETL1506-M3 VISHAY-VS-ETL1506-M3 Datasheet
218Kb / 9P
Low leakage current
08-Jul-15
VS-ETU1506-M3 VISHAY-VS-ETU1506-M3 Datasheet
183Kb / 8P
Low leakage current
08-Jul-15
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
Low Leakage Current
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com