Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH5R06-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH5R06-Y
Description  Low reverse recovery current
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5R06-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STTH5R06-Y Datasheet HTML 1Page - STMicroelectronics STTH5R06-Y Datasheet HTML 2Page - STMicroelectronics STTH5R06-Y Datasheet HTML 3Page - STMicroelectronics STTH5R06-Y Datasheet HTML 4Page - STMicroelectronics STTH5R06-Y Datasheet HTML 5Page - STMicroelectronics STTH5R06-Y Datasheet HTML 6Page - STMicroelectronics STTH5R06-Y Datasheet HTML 7Page - STMicroelectronics STTH5R06-Y Datasheet HTML 8Page - STMicroelectronics STTH5R06-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STTH5R06-Y
Characteristics
Doc ID 17655 Rev 1
3/9
Table 5.
Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 0.5 A, Irr = 0.25 A,
IR = 1 A
20
ns
IF = 1 A,
dIF/dt = - 50 A/µs,
VR = 30 V
35
IRM
Reverse recovery current
Tj = 125 °C
IF = 5 A,
dIF/dt = - 200 A/µs,
VR = 400 V
4.5
6
A
Sfactor
Softness factor
0.5
-
Qrr
Reverse recovery charges
110
nC
tfr
Forward recovery time
Tj = 25 °C
IF = 5 A
dIF/dt = 40 A/µs
VFR = 2.5 V
220
ns
VFP
Forward recovery voltage
4.5
V
Figure 1.
Average forward power dissipation
versus average forward current
Figure 2.
Forward voltage drop versus
forward current
Figure 3.
Relative variation of thermal
impedance junction to case versus
pulse duration
Figure 4.
Peak reverse recovery current
versus dIF/dt (typical values)
P(W)
0
2
4
6
8
10
12
14
16
0
1
23
45
67
I
(A)
F(AV)
T
δ=tp/T
tp
δ = 0.05 δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
I
(A)
FM
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
Tj=125 °C
(Maximum values)
Tj=125 °C
(Typical values)
Tj=25 °C
(Maximum values)
V
(V)
FM
Z/R
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
t (s)
p
I
(A)
RM
0
1
2
3
4
5
6
7
8
9
0
50
100
150
200
250
300
350
400
450
500
IF=IF(AV)
VR=400 V
Tj=125 °C
dI /dt(A/µs)
F



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com