Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8BC065 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH8BC065
Description  low switching losses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8BC065 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH8BC065 Datasheet HTML 1Page - STMicroelectronics STTH8BC065 Datasheet HTML 2Page - STMicroelectronics STTH8BC065 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2010
Doc ID 18194 Rev 1
1/3
3
STTH8BC065
650 V high voltage rectifier for BC2 topology
Features
high voltage rectifier
optimized diode for BC2 topology (ST patent)
low switching losses
improves efficiency by up to 2.5% compared to
conventional continuous mode PFC using
standard ultrafast 600 V PN diodes
performance efficiency improved by up to
0.5% compared with 600 V Schottky power
diodes with no reverse recovery charges used
in CCM PFC at 200 kHz
helps meet the 80+ efficiency requirements
supports PFC working up to 300 kHz
suitable for PFC up to 2 kW
compatible with standard PFC controller ICs
Description
The STTH8BC065 is a specific rectification diode
used in continuous mode power factor correction
working in the BC2 topology. This diode has been
especially designed for the dedicated BC2
topology. Therefore, its electrical characteristics
offer the best possible efficiency with a P-N
optimized structured diode. As a result, SMPS
efficiency growth of up to 2.5% can be produced
compared with standard ultrafast 600 V P-N
diode.
Table 1.
Device summary
Symbol
Value
I F(AV)
8 A
VRRM
650 V
TO-220AC insulated
STTH8BC065DI
K
A
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STTH8BC065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH8BC060 STMICROELECTRONICS-STTH8BC060 Datasheet
47Kb / 3P
helps meet the 80 efficiency requirements
05-Nov-2010
More results

Similar Description - STTH8BC065

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH28UD1PBF IRF-IRG7PH28UD1PBF_15 Datasheet
398Kb / 10P
Low switching losses
IRG7PH35UD1MPBF IRF-IRG7PH35UD1MPBF_15 Datasheet
295Kb / 9P
Low Switching Losses
IRG7PH35UD1PBF IRF-IRG7PH35UD1PBF_15 Datasheet
320Kb / 10P
Low Switching Losses
IRGB4045DPBF IRF-IRGB4045DPBF_15 Datasheet
387Kb / 10P
Low Switching Losses
logo
HY ELECTRONIC CORP.
HYG15P120A1K1 HY-HYG15P120A1K1 Datasheet
1Mb / 8P
low switching losses
HYG30P120H1K1 HY-HYG30P120H1K1 Datasheet
1Mb / 8P
low switching losses
HYG75P120D1S HY-HYG75P120D1S Datasheet
474Kb / 4P
low switching losses
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
low switching losses and saturation losses
logo
International Rectifier
AUIRGDC0250 IRF-AUIRGDC0250 Datasheet
305Kb / 11P
Low Switching Losses
logo
Littelfuse
MG12150S-DEN2MM LITTELFUSE-MG12150S-DEN2MM Datasheet
1Mb / 5P
Low switching losses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com