Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8R06-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH8R06-Y
Description  Reduces switching losses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R06-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STTH8R06-Y Datasheet HTML 1Page - STMicroelectronics STTH8R06-Y Datasheet HTML 2Page - STMicroelectronics STTH8R06-Y Datasheet HTML 3Page - STMicroelectronics STTH8R06-Y Datasheet HTML 4Page - STMicroelectronics STTH8R06-Y Datasheet HTML 5Page - STMicroelectronics STTH8R06-Y Datasheet HTML 6Page - STMicroelectronics STTH8R06-Y Datasheet HTML 7Page - STMicroelectronics STTH8R06-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STTH8R06-Y
Characteristics
Doc ID 022291 Rev 1
3/8
Table 5.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 0.5 A,
Irr = 0.25 A, IR =1 A
25
ns
IF = 1 A,
dIF/dt = -50 A/µs,
VR = 30 V
45
IRM
Reverse recovery current
Tj = 125 °C
IF = 8 A, VR = 400 V,
dIF/dt = -200 A/µs
5.5
7.2
A
S factor Softness factor
0.4
Qrr
Reverse recovery charges
150
nC
tfr
Forward recovery time
Tj = 25 °C
IF = 8 A,
dIF/dt = 64 A/µs
VFR = 2.5 V
200
ns
VFP
Forward recovery voltage
5
V
Figure 1.
Average forward power dissipation
versus average forward current
Figure 2.
Forward voltage drop versus
forward current
P(W)
0
4
8
12
16
20
24
0
123
4567
89
10
11
I
(A)
F(AV)
δ = 0.2
δ = 1
δ = 0.05
δ = 0.1
δ = 0.5
T
δ=tp/T
tp
I
(A)
FM
0
4
8
12
16
20
24
28
32
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
Tj=125 °C
(Maximum values)
Tj=125 °C
(Typical values)
Tj=25 °C
(Maximum values)
V
(V)
FM
Figure 3.
Relative variation of thermal
impedance junction to case versus
pulse duration
Figure 4.
Peak reverse recovery current
versus dIF/dt (typical values)
Z/R
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
t (s)
p
I
(A)
RM
0
1
2
3
4
5
6
7
8
9
10
0
50
100
150
200
250
300
350
400
450
500
IF=IF(AV)
VR=400 V
Tj=125 °C
dI /dt(A/µs)
F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com