Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8S12 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH8S12
Description  Low thermal resistance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8S12 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH8S12 Datasheet HTML 1Page - STMicroelectronics STTH8S12 Datasheet HTML 2Page - STMicroelectronics STTH8S12 Datasheet HTML 3Page - STMicroelectronics STTH8S12 Datasheet HTML 4Page - STMicroelectronics STTH8S12 Datasheet HTML 5Page - STMicroelectronics STTH8S12 Datasheet HTML 6Page - STMicroelectronics STTH8S12 Datasheet HTML 7Page - STMicroelectronics STTH8S12 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STTH8S12
2/8
DocID026655 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 1.7 x IF(AV) + 0.1 IF
2
(RMS)
Table 2. Absolute ratings (limiting values at Tj = 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1200
V
IF(RMS) Forward rms current
25
A
IF(AV)
Average forward current,
δ = 0.5
Tc = 110 °C
8
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
70
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature
175
°C
Table 3. Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
2.3
°C/W
Table 4. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
5
µA
Tj = 150 °C
20
200
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 8 A
2.7
V
Tj = 150 °C
1.75
2.5
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 380 µs, δ < 2%
Table 5. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 1 A, VR = 30 V,
dIF/dt = 200 A/µs
32
45
ns
IRM
Reverse recovery current
Tj = 125 °C
IF = 8 A, VR = 600 V,
dIF/dt = 200 A/µs
11
15
A
S
Softness factor
2
QRR
Reverse recovery charge
800
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com