Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8T06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH8T06
Description  Very low switching losses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8T06 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH8T06 Datasheet HTML 1Page - STMicroelectronics STTH8T06 Datasheet HTML 2Page - STMicroelectronics STTH8T06 Datasheet HTML 3Page - STMicroelectronics STTH8T06 Datasheet HTML 4Page - STMicroelectronics STTH8T06 Datasheet HTML 5Page - STMicroelectronics STTH8T06 Datasheet HTML 6Page - STMicroelectronics STTH8T06 Datasheet HTML 7Page - STMicroelectronics STTH8T06 Datasheet HTML 8Page - STMicroelectronics STTH8T06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
April 2013
DocID023406 Rev 3
1/9
9
STTH8T06
600 V tandem extra fast diode
Datasheet
production data
Features
 High voltage rectifier
 Tandem diodes in series
 Very low switching losses
 Insulated device with internal ceramic
 Equal thermal conditions for both 300 V diodes
 Static and dynamic equilibrium of internal
diodes are warranted by design
 Insulated package:
– Capacitance: 7 pF
– Insulated voltage: 2500 V rms
Description
This device is part of ST's second generation of
600 V tandem diodes. It has ultralow switching-
losses with a minimized QRR (6 nC) that makes it
perfect for use in circuits working in hard-
switching mode. In particular the VF/QRR trade-off
positions this device between standard ultrafast
diodes and silicon-carbide Schottky rectifiers in
terms of price/performance ratio.
The device offers a new positioning giving more
flexibility to power-circuit designers looking for
good performance while still respecting cost
constraints.
Featuring ST's Turbo 2 600 V technology, the
device is particularly suited as a boost diode in
continuous conduction mode power factor
correction circuits.
Table 1. Device summary
Symbol
Value
IF(AV)
8 A
VRRM
600 V
trr (typ)
15 ns
IRM (typ)
2.3 A
VF (typ)
2.05 V
IFRM)
40 A
Tj (max)
175 °C
TO-220AC ins
STTH
DI
8T06
A
A
K
K
www.st.com


Similar Part No. - STTH8T06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH8003 STMICROELECTRONICS-STTH8003 Datasheet
108Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIERS
Sep-2002
STTH8003CY STMICROELECTRONICS-STTH8003CY Datasheet
25Kb / 3P
HIGH FREQUENCY SECONDARY RECTIFIERS
Oct-1999
STTH8003CY STMICROELECTRONICS-STTH8003CY Datasheet
104Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIERS
Sep-2002
STTH8003CY STMICROELECTRONICS-STTH8003CY Datasheet
108Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIERS
Sep-2002
STTH8003CY STMICROELECTRONICS-STTH8003CY_02 Datasheet
104Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIERS
Sep-2002
More results

Similar Description - STTH8T06

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SD10PU200 BWTECH-SD10PU200 Datasheet
415Kb / 4P
Very low conduction losses
logo
International Rectifier
AUIRGDC0250 IRF-AUIRGDC0250 Datasheet
305Kb / 11P
Low Switching Losses
logo
STMicroelectronics
STP27N60M2-EP STMICROELECTRONICS-STP27N60M2-EP Datasheet
828Kb / 16P
Very low turn-off switching losses
15-Dec-2015
logo
Vishay Siliconix
VS-GA100TS120UPBF VISHAY-VS-GA100TS120UPBF Datasheet
263Kb / 10P
Very low conduction and switching losses
26-Mar-12
VS-GA200HS60S1PBF VISHAY-VS-GA200HS60S1PBF Datasheet
154Kb / 7P
Very low conduction losses
10-Jun-15
logo
STMicroelectronics
BYW81G-200 STMICROELECTRONICS-BYW81G-200 Datasheet
283Kb / 6P
VERY LOW FORWARD LOSSES
Jul-2002
STTH8ST06 STMICROELECTRONICS-STTH8ST06 Datasheet
293Kb / 9P
Very low switching losses
27-Jul-2015
STTH310-Y STMICROELECTRONICS-STTH310-Y Datasheet
223Kb / 7P
Very low conduction losses
05-Feb-2014
STTH6010-Y STMICROELECTRONICS-STTH6010-Y Datasheet
210Kb / 9P
Very low conduction and switching losses
April 2015 Rev 2
STTH120R04TV STMICROELECTRONICS-STTH120R04TV Datasheet
195Kb / 7P
Very low switching losses
31-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com