Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH15S12 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH15S12
Description  Low reverse current
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH15S12 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH15S12 Datasheet HTML 1Page - STMicroelectronics STTH15S12 Datasheet HTML 2Page - STMicroelectronics STTH15S12 Datasheet HTML 3Page - STMicroelectronics STTH15S12 Datasheet HTML 4Page - STMicroelectronics STTH15S12 Datasheet HTML 5Page - STMicroelectronics STTH15S12 Datasheet HTML 6Page - STMicroelectronics STTH15S12 Datasheet HTML 7Page - STMicroelectronics STTH15S12 Datasheet HTML 8Page - STMicroelectronics STTH15S12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STTH15S12
4/10
DocID026656 Rev 1
Figure 7. Reverse recovery charges versus
dIF/dt (typical values)
Figure 8. Reverse recovery softness factor
versus dIF/dt (typical values)
0
400
800
1200
1600
2000
0
50
100
150
200
250
300
350
400
450
500
QRR(nC)
I
F = I F(AV)
V
R = 600 V
T
j = 125 °C
dIF/dt(A/µs)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
50
100
150
200
250
300
350
400
450
500
SFACTOR
I
F = I F(AV)
V
R = 600 V
T
j = 125 °C
dIF/dt(A/µs)
Figure 9. Relative variations of dynamic
parameters versus junction temperature
Figure 10. Junction capacitance versus reverse
voltage applied (typical values)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
I
RM
S
FACTOR
Q
RR
I
F = I F(AV)
V
R = 600 V
Reference: T
j = 125 °C
Tj(°C)
C(pF)
1
10
100
1
10
100
1000
10000
F = 1 MHz
V
OSC = 30 mVRMS
T
j = 25 °C
V
R (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com