Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH110-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH110-Y
Description  Negligible switching losses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH110-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH110-Y Datasheet HTML 1Page - STMicroelectronics STTH110-Y Datasheet HTML 2Page - STMicroelectronics STTH110-Y Datasheet HTML 3Page - STMicroelectronics STTH110-Y Datasheet HTML 4Page - STMicroelectronics STTH110-Y Datasheet HTML 5Page - STMicroelectronics STTH110-Y Datasheet HTML 6Page - STMicroelectronics STTH110-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This is information on a product in full production.
February 2014
DocID025634 Rev 1
1/7
STTH110-Y
Automotive high voltage ultrafast rectifier
Datasheet
- production data
Features
• Very low conduction losses
• Negligible switching losses
• Low forward and reverse recovery times
• High junction temperature
• AEC-Q101 qualified
• ECOPACK®2 compliant component
Description
The STTH110-Y, which is using ST’s new 1000 V
planar technology, is especially suited for
switching mode base drive and transistor circuits.
The device is also intended for use as a free-
wheeling diode in power supplies and other
power switching applications in automotive
functions.
K
A
SMBflat
STTH110UFY
K
A
Table 1. Device summary
Symbol
Value
IF(AV)
1 A
VRRM
1000 V
Tj (max)
175 °C
VF (typ)
0.98 V
Trr (typ)
52 ns
www.st.com


Similar Part No. - STTH110-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH110-Y STMICROELECTRONICS-STTH110-Y Datasheet
223Kb / 8P
Automotive high voltage ultrafast rectifier
01-Mar-2022
STTH110-Y STMICROELECTRONICS-STTH110-Y_V01 Datasheet
223Kb / 8P
Automotive high voltage ultrafast rectifier
01-Mar-2022
More results

Similar Description - STTH110-Y

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4045DPBF IRF-IRGB4045DPBF_15 Datasheet
387Kb / 10P
Low Switching Losses
logo
HY ELECTRONIC CORP.
HYG15P120A1K1 HY-HYG15P120A1K1 Datasheet
1Mb / 8P
low switching losses
HYG30P120H1K1 HY-HYG30P120H1K1 Datasheet
1Mb / 8P
low switching losses
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
low switching losses and saturation losses
logo
International Rectifier
AUIRGDC0250 IRF-AUIRGDC0250 Datasheet
305Kb / 11P
Low Switching Losses
logo
Sangdest Microelectroni...
BAT54 SMC-BAT54 Datasheet
221Kb / 5P
Negligible switching losses
logo
STMicroelectronics
BAT30F4 STMICROELECTRONICS-BAT30F4 Datasheet
175Kb / 10P
Negligible switching losses
26-Feb-2016
BYW80F STMICROELECTRONICS-BYW80F Datasheet
361Kb / 7P
Negligible switching losses
Jan-2002
STTH208-Y STMICROELECTRONICS-STTH208-Y Datasheet
221Kb / 7P
Negligible switching losses
04-Feb-2014
logo
Littelfuse
MG12150S-DEN2MM LITTELFUSE-MG12150S-DEN2MM Datasheet
1Mb / 5P
Low switching losses
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com