Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH310-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH310-Y
Description  Very low conduction losses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH310-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STTH310-Y Datasheet HTML 1Page - STMicroelectronics STTH310-Y Datasheet HTML 2Page - STMicroelectronics STTH310-Y Datasheet HTML 3Page - STMicroelectronics STTH310-Y Datasheet HTML 4Page - STMicroelectronics STTH310-Y Datasheet HTML 5Page - STMicroelectronics STTH310-Y Datasheet HTML 6Page - STMicroelectronics STTH310-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DocID025643 Rev 1
3/7
STTH310-Y
Characteristics
7
Figure 1. Average forward power dissipation
versus average forward current
Figure 2. Forward voltage drop versus forward
current (typical values)
P(W)
F(AV)
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
δ = 0.05 δ = 0.1 δ = 0.2
δ = 0.5 δ = 1
T
δ=tp/T
tp
I(A)
F(AV)
I(A)
F
0.01
0.10
1.00
10.00
100.00
0.0
0.4
0.8
1.2
1.6
2.0
2.4
V(V)
F
T = 25°C
j
T = 150°C
j
Figure 3. Forward voltage drop versus forward
current (maximum values)
Figure 4. Relative variation of thermal
impedance junction to lead versus pulse
duration
I(A)
F
0.01
0.10
1.00
10.00
100.00
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
T = 150°C
j
T = 25°C
j
V(V)
F
Z/R
th(j- )
th(j- )
ll
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
SMBflat
t(s)
p
Figure 5. Junction capacitance versus reverse
voltage applied (typical values)
Figure 6. Thermal resistance junction to
ambient versus copper surface under each lead
C (pF)
1
10
100
1
10
100
1000
V(V)
R
F = 1 MHz
VOSC = 30 mVRMS
Tj = 25 °C
R
(°C/W)
th(j-a)
0
25
50
75
100
125
150
175
200
01
2345
678
9
10
S
(cm²)
cu
epoxy printed circuit board FR4, copper thickness: 35 µm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com