Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH6010-Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH6010-Y
Description  Very low conduction and switching losses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH6010-Y Datasheet(HTML) 2 Page - STMicroelectronics

  STTH6010-Y Datasheet HTML 1Page - STMicroelectronics STTH6010-Y Datasheet HTML 2Page - STMicroelectronics STTH6010-Y Datasheet HTML 3Page - STMicroelectronics STTH6010-Y Datasheet HTML 4Page - STMicroelectronics STTH6010-Y Datasheet HTML 5Page - STMicroelectronics STTH6010-Y Datasheet HTML 6Page - STMicroelectronics STTH6010-Y Datasheet HTML 7Page - STMicroelectronics STTH6010-Y Datasheet HTML 8Page - STMicroelectronics STTH6010-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STTH6010-Y
2/9
DocID018924 Rev 2
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 1.3 x IF(AV) + 0.0067 IF
2
(RMS)
Table 2. Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1000
V
IF(RMS)
Forward rms current
80
A
IF(AV)
Average forward current
Tc = 75 °C, = 0.5, square wave
60
A
IFRM
Repetitive peak forward current
tp = 5 µs, F = 5 kHz square
450
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
400
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Operating junction temperature range
-40 to + 175
°C
Table 3. Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
0.78
°C/W
Table 4. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, < 2%
Reverse leakage current
Tj = 25 °C
VR = VRRM
-20
µA
Tj = 125 °C
-
20
200
VF
(2)
2.
Pulse test: tp = 380 µs, < 2%
Forward voltage drop
Tj = 25 °C
IF = 60 A
-2.0
V
Tj = 100 °C
-
1.4
1.8
Tj = 150 °C
-
1.3
1.7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com