Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7706 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7706
Description  Highly integrated tuner for AM/FM car-radio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7706 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7706 Datasheet HTML 1Page - STMicroelectronics TDA7706 Datasheet HTML 2Page - STMicroelectronics TDA7706 Datasheet HTML 3Page - STMicroelectronics TDA7706 Datasheet HTML 4Page - STMicroelectronics TDA7706 Datasheet HTML 5Page - STMicroelectronics TDA7706 Datasheet HTML 6Page - STMicroelectronics TDA7706 Datasheet HTML 7Page - STMicroelectronics TDA7706 Datasheet HTML 8Page - STMicroelectronics TDA7706 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TDA7706
Block diagram and pin description
Doc ID 022898 Rev 3
5/16
7
TCAM
-
-
AM AGC time constant
8
VCCRF
In
-
RF 5V supply
-
9
CK_SEL
In
-
Master/Slave clock operation
select
10
GNDVCO
-
VCO
VCO ground
-
11
LFref
-
Loop filter reference
-
12
LF1
-
Loop filter output
-
13
VCCVCO
In
VCO 5V supply
-
14
TCAM2
-
AM AGC 2nd order time constant
15
PINDdec
-
AM pin diode
AM AGC internal PIN diode
decoupling
16
PINDin
-
AM AGC internal PIN diode input
17
GNDLNA
-
AM LNA
AM LNA ground
-
18
LNAin
In
AM LNA input
19
LNAdec
-
AM LNA decoupling
20
LNAout
Out
AM LNA output
-
21
LNAin2
-
AM LNA input 2nd stage
-
Table 2.
Pin description (continued)
Pin
Pin name
I/O
Function
Description
Equivalent circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com