Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12ST0020PLF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 12ST0020PLF
Description  10/100 PC CARD LAN MAGNETICS SOLUTIONS PCMCIA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

12ST0020PLF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  12ST0020PLF Datasheet HTML 1Page - Bothhand USA, LP. 12ST0020PLF Datasheet HTML 2Page - Bothhand USA, LP. 12ST0020PLF Datasheet HTML 3Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10/100 PC CARD LAN MAGNETICS SOLUTIONS PCMCIA
BOTHHAND
USA
Page 1 of 3
Bothhand USA
Half port and single port designs for maximum layout flexibility.
Compatible with Intel, TDK, QSI, and ICS.
Low profile packages from .094”(2.39mm)to .078”(1.98mm)for PC Card
and Card bus applications.
Operating temperature range: 0 to +70 .
℃℃
Storage temperature range: -25 to +85 .
℃℃
Electrical Specifications @ 25℃
Turn ratio
(±5%)
Part
Number
TX
RX
OCL(uH Min)
@ 100KHz/0.2V
L.L
(uH Max)
CW/W
(pF Max)
Mech
HI-POT
(Vrms)
12ST0020P LF
1CT:1CT
1CT:1CT
-
-
-
12ST-A
1500
12ST0022P LF
1CT:1
1CT:1CT
350
-
-
12ST-A
1500
12ST0022PF LF
1CT:1
1CT:1CT
-
-
-
12ST-B
1500
12ST0023P LF
1CT:1
1CT:1CT
-
-
-
12ST-A
1500
12ST0028P LF
1CT:1
1CT:1
350
0.6
28
12ST-A
1500
12ST0029P LF
1CT:1CT
1CT:1CT
350
0.6
28
12ST-A
1500
Continue
Insertion loss
(dB Max)
Returm loss
(dB Min)
Cross talk
(dB Min)
DCMR
(dB Min)
Part
Number
0.3-100 MHz
30MHz 60MHz 80MHz 30 MHz 60MHz 100MHz 30 MHz 50 MHz 100MHz 150MHz
12ST0020P LF
-1.0
-16
-14
-12
-45
-40
-35
-34
-
-25
-
12ST0022P LF
-2.0
-18
-14
-12
-50
-45
-40
-40
-35
-30
-20
12ST0022PF LF
-2.0
-18
-14
-12
-50
-45
-40
-40
-35
-30
-20
12ST0023P LF
-2.0
-18
-14
-12
-50
-45
-40
-40
-35
-30
-20
12ST0028P LF
-1.4
-14
-12
-10
-45
-40
-35
-40
-32
-30
-
12ST0029P LF
-1.4
-14
-12
-10
-45
-40
-35
-40
-32
-30
-
For customized parts or more detailed information, please log on
www.bothhandusa.com or write to sales@bothhandusa.com
94
Tel: 978-887-8050 Fax: 978-887-5434
E-mail : sales@bothhandusa.com http://www.bothhandusa.com


Similar Part No. - 12ST0020PLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
12ST0022P BOTHHAND-12ST0022P Datasheet
57Kb / 1P
10/100 PC CARD LAN MAGNETICS SOLUTIONS
12ST0022P BOTHHAND-12ST0022P Datasheet
216Kb / 1P
10/100 PC CARD LAN MAGNETICS SOLUTIONS PCMCIA
12ST0022PF BOTHHAND-12ST0022PF Datasheet
54Kb / 1P
10/100 PC CARD LAN MAGNETICS SOLUTIONS
12ST0022PF BOTHHAND-12ST0022PF Datasheet
216Kb / 1P
10/100 PC CARD LAN MAGNETICS SOLUTIONS PCMCIA
12ST0023P BOTHHAND-12ST0023P Datasheet
216Kb / 1P
10/100 PC CARD LAN MAGNETICS SOLUTIONS PCMCIA
More results

Similar Description - 12ST0020PLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM1401S ETC1-TM1401S Datasheet
335Kb / 1P
10/100 PC CARD LAN MAGNETICS SOLUTIONS
logo
Bothhand USA, LP.
12ST0022PF BOTHHAND-12ST0022PF Datasheet
54Kb / 1P
10/100 PC CARD LAN MAGNETICS SOLUTIONS
12ST0022P BOTHHAND-12ST0022P Datasheet
57Kb / 1P
10/100 PC CARD LAN MAGNETICS SOLUTIONS
12ST002XX BOTHHAND-12ST002XX Datasheet
216Kb / 1P
10/100 PC CARD LAN MAGNETICS SOLUTIONS PCMCIA
24ST0023A-3 BOTHHAND-24ST0023A-3 Datasheet
181Kb / 1P
10/100 PC CARD LAN MAGNETICS SOLUTIONS
NS0013A BOTHHAND-NS0013A Datasheet
51Kb / 1P
10/100 PC CARD LAN MAGNETICS SOLUTIONS
NS0013X BOTHHAND-NS0013X Datasheet
57Kb / 1P
10/100 PC CARD LAN MAGNETICS SOLUTIONS
NS0019 BOTHHAND-NS0019 Datasheet
101Kb / 1P
10/100 PC CARD LAN MAGNETICS SOLUTIONS
logo
VITALCONN ELECTRONICS H...
TH16070S1 VITALCONN-TH16070S1 Datasheet
284Kb / 1P
10/100 PC CARD LAN MAGNETICS SOLUTIONS
TH16081S VITALCONN-TH16081S Datasheet
251Kb / 1P
10/100 PC CARD LAN MAGNETICS SOLUTIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com