Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14ST9012PLF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 14ST9012PLF
Description  10/100 BASE-T TRANSFORMER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

14ST9012PLF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  14ST9012PLF Datasheet HTML 1Page - Bothhand USA, LP. 14ST9012PLF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/100 BASE-T TRANSFORMER
P/N: 14ST9012P LF DATA SHEET
Page : 1/2
A2(07/10)
Feature
l
Design for 10/100 MB/s TX & ATM 155 MB/s applications.
l
Very low profile PCMCIA SMD package.
l
Comply with RoHS requirements-whole part No Cd, No Hg,
No Cr6+, No PBB and PBDE and No Pb on external pins.
l
Operating temperature range: 0℃ to +70℃.
l
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Insertion Loss
(dB Max)
Part
Number
TX
RX
OCL (uH Min)
@ 100KHz/0.1V
with 8mA DC Bias
L.L
(uH Max)
CW/W
(pF Max)
0.3-100MHz
HI-POT
(Vrms)
14ST9012P LF
1CT:1CT
1CT:1CT
350
0.35
28
-1.3
1500
Continue
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
(dB Min) TX/RX
Part
Number
30MHz
60MHz
80MHz
30MHz
60MHz
100MHz
30MHz
50MHz
100MHz
150MHz
14ST9012P LF
-18
-13
-11
-40
-40
-35
-40
-35
-30
-20
Schematic
Bothhand USA
email:sales@bothhandusa.com
tel: 978-887-8050
462 Boston St,
Topsfield, MA 01983
http://www.bothhandUSA.com
email:sales@bothhandusa.com
tel: 978-887-8050
fax: 978-887-5434


Similar Part No. - 14ST9012PLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
14ST9012P BOTHHAND-14ST9012P Datasheet
304Kb / 3P
10/100 BASE PULSE TRANSFORMER FOR PCMCIA
14ST9012P BOTHHAND-14ST9012P Datasheet
54Kb / 1P
10/100 BASE-T TRANSFORMER
14ST9012P-LF BOTHHAND-14ST9012P-LF Datasheet
157Kb / 2P
Design for 10/100 MB/s TX & ATM 155 MB/s applications
More results

Similar Description - 14ST9012PLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16PT8510 BOTHHAND-16PT8510_1 Datasheet
50Kb / 1P
10/100 BASE-T TRANSFORMER
16PT8515-3 BOTHHAND-16PT8515-3 Datasheet
50Kb / 1P
10/100 BASE-T TRANSFORMER
16ST8511 BOTHHAND-16ST8511 Datasheet
27Kb / 1P
10/100 BASE-T TRANSFORMER
16ST8515M BOTHHAND-16ST8515M Datasheet
177Kb / 1P
10/100 BASE-T TRANSFORMER
16PT8512A BOTHHAND-16PT8512A Datasheet
53Kb / 1P
10/100 BASE-T TRANSFORMER
16ST8520X BOTHHAND-16ST8520X Datasheet
108Kb / 1P
10/100 BASE-T TRANSFORMER
24STS12 BOTHHAND-24STS12 Datasheet
194Kb / 1P
10/100 BASE-T TRANSFORMER
24ST8515-2 BOTHHAND-24ST8515-2_1 Datasheet
264Kb / 1P
10/100 BASE-T TRANSFORMER
logo
Bourns Electronic Solut...
SM91071AL BOURNS-SM91071AL Datasheet
487Kb / 4P
10/100 Base-T Transformer
SM91073AL BOURNS-SM91073AL Datasheet
489Kb / 4P
10/100 Base-T Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com