Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F716 Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC16F716
Description  8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F716 Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC16F716 Datasheet HTML 92Page - Microchip Technology PIC16F716 Datasheet HTML 93Page - Microchip Technology PIC16F716 Datasheet HTML 94Page - Microchip Technology PIC16F716 Datasheet HTML 95Page - Microchip Technology PIC16F716 Datasheet HTML 96Page - Microchip Technology PIC16F716 Datasheet HTML 97Page - Microchip Technology PIC16F716 Datasheet HTML 98Page - Microchip Technology PIC16F716 Datasheet HTML 99Page - Microchip Technology PIC16F716 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 126 page
background image
PIC16F716
DS41206A-page 94
Preliminary
 2003 Microchip Technology Inc.
12.2
DC Characteristics: PIC16F716 (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C
Para
m No.
Sym
Characteristic
Min
Typ†
Max
Units
VDD
Conditions
VDD
Supply Voltage
D001
2.0
—
5.5
V
—
D020
IPD
Power-down Base Current
—0.1
0.8
µA
2.0
WDT, BOR and T1OSC:
disabled
—0.1
0.85
µA3.0
—0.2
2.7
µA5.0
∆IMOD Peripheral Module Current(1)
D021
—1
2.0
µA
2.0
WDT Current
—2
3.5
µA3.0
—9
13.5
µA5.0
D022
—TBD
TBD
µA
3.0
BOR Current
—40
TBD
µA4.5
—45
TBD
µA5.0
D025
—
1.8
TBD
µA2.0 T1OSC Current
—2.6
TBD
µA3.0
—3.0
TBD
µA5.0
D010
IDD
Supply Current
—14
17
µA2.0 FOSC = 32 kHz
LP Oscillator mode
—23
28
µA3.0
—45
60
µA5.0
D011
—
120
160
µA2.0 FOSC = 1 MHz
XT Oscillator mode
—
180
250
µA3.0
—
290
370
µA5.0
D012
—
220
300
µA2.0 FOSC = 4 MHz
XT Oscillator mode
—
350
470
µA3.0
—
600
780
µA5.0
D013
—
2.1
2.9
mA
4.5
FOSC = 20 MHz
HS Oscillator mode
—
2.5
3.3
mA
5.0
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The “
∆” current is the additional current consumed when this peripheral is enabled. This current should be
added to the base IDD or IPD measurement. Max values should be used when calculating total current
consumption.
2:
ADC on, not converting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com