Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT2828T Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74FCT2828T
Description  Fast CMOS 10-Bit Buffers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT2828T Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74FCT2828T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT2828T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT2828T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT2828T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT2828T Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PS2029B
10/27/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT827/828T
(25
Ω
Ω
Ω
Ω
Ω Series) P174FCT2827/2828T
10-BIT BUFFERS
827AT/2827AT
827BT/2827BT
827CT/2827CT
827DT
Com.
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Units
tPLH
Propagation Delay
CL = 50pF
1.5
6.5
1.5
5.0
1.5
4.4
1.5
3.8
tPHL
DN to YN
RL = 500
Ω
CL = 300pF(3)
1.5
15.0
1.5
13.0
1.5
10.0
1.5
7.5
RL = 500
Ω
tPZH
Output Enable Time
CL = 50pF
1.5
9.5
1.5
8.0
1.5
7.0
1.5
5.0
ns
tPZL
OEN to YN
RL = 500
Ω
CL = 300pF(3)
1.5
23.0
1.5
15.0
1.5
14.0
1.5
9.0
RL = 500
Ω
tPHZ
Output Disable Time(3)
CL = 5pF(3)
1.5
8.5
1.5
6.0
1.5
5.7
1.5
4.3
tPLZ
OEN to YN
RL = 500
Ω
CL = 50pF
1.5
10.0
1.5
7.0
1.5
6.0
1.5
4.3
RL = 500
Ω
828AT/2828AT
828BT/2828BT
828CT
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min.
Max.
Min.
Max.
Min.
Max.
Units
tPLH
Propagation Delay
CL = 50 pF
1.5
6.5
1.5
5.5
1.5
4.4
ns
tPHL
DN to YN
RL = 500
Ω
CL = 300 pF(3)
1.5
15.0
1.5
13.0
1.5
10.0
ns
RL = 500
Ω
tPZH
Output Enable Time
CL = 50 pF
1.5
9.5
1.5
8.0
1.5
7.0
ns
tPZL
OEN to YN
RL = 500
Ω
CL = 300 pF(3)
1.5
23.0
1.5
15.0
1.5
14.0
ns
RL = 500
Ω
tPHZ
Output Disable Time(3)
CL = 5 pF(3)
1.5
8.5
1.5
6.0
1.5
5.7
ns
tPLZ
OEN to YN
RL = 500
Ω
CL = 50 pF
1.5
10.0
1.5
7.0
1.5
6.0
ns
RL = 500
Ω
Notes:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not production tested.
PI74FCT828/2828T (inverting) Switching Characteristics over Operating Range
PI74FCT827/2827T (non-inverting) Switching Characteristics over Operating Range
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com