Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCW01 Datasheet(PDF) 3 Page - Total Power International

Part # MSCW01
Description  Ultra compact SMD Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MSCW01 Datasheet(HTML) 3 Page - Total Power International

  MSCW01 Datasheet HTML 1Page - Total Power International MSCW01 Datasheet HTML 2Page - Total Power International MSCW01 Datasheet HTML 3Page - Total Power International MSCW01 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSCW01 SERIES
DC/DC CONVERTER 1W, SMD Package
Power Derating Curve
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage, rated output current unless otherwise noted.
2
Ripple & Noise measurement bandwidth is 0-20 MHz.
3
All DC/DC converters should be externally fused at the front end for protection.
4
Other input and output voltage may be available, please contact factory.
5
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
6
Specifications are subject to change without notice.
Package Specifications
Mechanical Dimensions
Connecting Pin Patterns
►
All dimensions in mm (inches)
►
Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 ( X.XXX±0.01)
►
Pins ±0.05(±0.002)
Pin Connections
Physical Characteristics
Pin
Single Output
Dual Output
Case Size
:
18.9x13.7x8.45mm (0.74x0.54x0.33 inches)
1
-Vin
-Vin
2
Remote On/Off
Remote On/Off
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
6
NC
Common
7
NC
-Vout
Pin Material
:
Phosphor bronze
8
+Vout
+Vout
9
-Vout
Common
Weight
:
4.5g
14
+Vin
+Vin
NC: No Connection
1
7
6
14
8
9
2
1.00 [0.04]
18.9 [0.74]
12.7 [0.5]
[0.1]
2.54
1.8 [0.1]
S SEATING
PLANE
0.15 S
1.1 [0.04]
15.0 [0.6]
18.1 [0.71]
15.2 [0.60]
2.54 [0.10]
2.54 [0.10]
1.6 [0.06]
2.1 [0.08]
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com