Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT10N120 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SCT10N120
Description  High voltage DC-DC converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT10N120 Datasheet(HTML) 4 Page - STMicroelectronics

  SCT10N120 Datasheet HTML 1Page - STMicroelectronics SCT10N120 Datasheet HTML 2Page - STMicroelectronics SCT10N120 Datasheet HTML 3Page - STMicroelectronics SCT10N120 Datasheet HTML 4Page - STMicroelectronics SCT10N120 Datasheet HTML 5Page - STMicroelectronics SCT10N120 Datasheet HTML 6Page - STMicroelectronics SCT10N120 Datasheet HTML 7Page - STMicroelectronics SCT10N120 Datasheet HTML 8Page - STMicroelectronics SCT10N120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
SCT10N120
4/14
DocID027662 Rev 2
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified).
Table 4: On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 1 mA
1200
V
IDSS
Zero gate voltage
drain current
VDS = 1200 V, VGS = 0 V
10
µA
VDS = 1200 V, VGS = 0 V,
TJ = 200 °C
(1)
100
µA
IGSS
Gate-body leakage
current
VDS = 0 V,
VGS = -10 to 22 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
1.8
3.5
V
RDS(on)
Static drain-source
on-resistance
VGS = 20 V, ID = 6 A
500
690
mΩ
VGS = 20 V, ID = 6 A,
TJ = 150 °C
520
mΩ
VGS = 20 V, ID = 6 A,
TJ = 200 °C
580
mΩ
Notes:
(1)
Defined by design, not subject to production test.
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 400 V, f = 1 MHz,
VGS = 0 V
-
290
-
pF
Coss
Output capacitance
-
30
-
pF
Crss
Reverse transfer capacitance
-
9
-
pF
Qg
Total gate charge
VDD = 800 V, ID = 6 A,
VGS = 0 to 20 V
-
22
-
nC
Qgs
Gate-source charge
-
3
-
nC
Qgd
Gate-drain charge
-
10
-
nC
Rg
Gate input resistance
f=1 MHz, ID=0 A
-
8
-
Ω
Table 6: Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon
Turn-on switching energy
VDD = 800 V, ID = 6 A
RG= 10 Ω,
VGS = -5 to 20 V
-
90
-
µJ
Eoff
Turn-off switching energy
-
30
-
µJ
Eon
Turn-on switching energy
VDD = 800 V, ID = 6 A
RG= 10 Ω,
VGS = -5 to 20 V
TJ= 150 °C
-
104
-
µJ
Eoff
Turn-off switching energy
-
33
-
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com