Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT50N120 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SCT50N120
Description  High voltage DC-DC converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT50N120 Datasheet(HTML) 4 Page - STMicroelectronics

  SCT50N120 Datasheet HTML 1Page - STMicroelectronics SCT50N120 Datasheet HTML 2Page - STMicroelectronics SCT50N120 Datasheet HTML 3Page - STMicroelectronics SCT50N120 Datasheet HTML 4Page - STMicroelectronics SCT50N120 Datasheet HTML 5Page - STMicroelectronics SCT50N120 Datasheet HTML 6Page - STMicroelectronics SCT50N120 Datasheet HTML 7Page - STMicroelectronics SCT50N120 Datasheet HTML 8Page - STMicroelectronics SCT50N120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
SCT50N120
4/11
DocID027989 Rev 4
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified).
Table 4: On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IDSS
Zero gate voltage
drain current
VDS = 1200 V, VGS = 0 V
1
100
µA
VDS = 1200 V, VGS = 0 V,
TJ = 200 °C
10
µA
IGSS
Gate-body leakage
current
VDS = 0 V, VGS = -10 to 22 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 1 mA
1.8
3.0
V
RDS(on)
Static drain-source
on-resistance
VGS = 20 V, ID = 40 A
52
69
mΩ
VGS = 20 V, ID = 40 A,
TJ = 150 °C
59
mΩ
VGS = 20 V, ID = 40 A,
TJ = 200 °C
70
mΩ
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 400 V, f = 1 MHz,
VGS = 0 V
-
1900
-
pF
Coss
Output capacitance
-
170
-
pF
Crss
Reverse transfer
capacitance
-
30
-
pF
Qg
Total gate charge
VDD = 800 V, ID = 40 A,
VGS = 0 to 20 V
-
122
-
nC
Qgs
Gate-source charge
-
19
-
nC
Qgd
Gate-drain charge
-
35
-
nC
Rg
Gate input resistance
f=1 MHz open drain
-
1.9
-
Ω
Table 6: Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon
Turn-on switching energy
VDD = 800 V, ID = 40 A
RG
= 2.2 Ω, VGS = -5 to 20 V
-
530
-
µJ
Eoff
Turn-off switching energy
-
310
-
µJ
Eon
Turn-on switching energy
VDD = 800 V, ID = 40 A
RG
= 2.2 Ω, VGS = -5 to 20 V
TJ= 150 °C
-
670
-
µJ
Eoff
Turn-off switching energy
-
334
-
µJ
Table 7: Reverse SiC diode characteristics
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
VSD
Diode forward voltage
IF = 20 A, VGS = 0 V
-
3.5
-
V
trr
Reverse recovery time
IF = 40 A, di/dt = 2000/ns
VDD = 800 V
-
55
ns
Qrr
Reverse recovery charge
-
230
-
nC
IRRM
Reverse recovery current
-
14
-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com