Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT20EP103 Datasheet(PDF) 2 Page - Copal Electronics

Part # CT20EP103
Description  15 TURNS CERMET TRIMMERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CT20EP103 Datasheet(HTML) 2 Page - Copal Electronics

  CT20EP103 Datasheet HTML 1Page - Copal Electronics CT20EP103 Datasheet HTML 2Page - Copal Electronics CT20EP103 Datasheet HTML 3Page - Copal Electronics CT20EP103 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CT-20
CERMET TRIMMERS
Mechanical turn
Operating torque
Mechanical stop
Rotational life
Thrust to rotor
Solderability
Terminal strength
Nominal resistance range
Resistance tolerance
Power ratings
Resistance law
Maximum input voltage
Maximum wiper current
Effective electrical turn
End resistance
C.R.V.
Operating temp. range
Temp. coefficient
Insulation resistance
Dielectric strength
Net weight
2
3
1
2
3
1
2
3
1
Adjustment
position
Side
adjustment
(
↑ Adjustment
direction)
Pieces in
package
Form of packaging
Plastic bag
Shape of terminal
(Top view)
※The above part numbers are all available with the respective combination of
<Nominal resistance values> (Fig. 1).
※Verify the above part numbers when placing orders.
The products indicated by
A mark are manufactured upon receipt of
order basis.
■ LIST OF PART NUMBERS
CT-20EP
CT-20EX
CT-20EPB
50 pcs./pack
25 pcs./pack
<Nominal resistance values>
A 10 Ω A 20 Ω
50
Ω
100
Ω
200
Ω
500
Ω
1 k
Ω
2 k
Ω
5 k
Ω
10 k
Ω
20 k
Ω
50 k
Ω
100 k
Ω
200 k
Ω
500 k
Ω
1 M
Ω
2 M
Ω
A 5 MΩ
Δ R/R:Change in total resistance
S.S.
:Setting stability
■ ELECTRICAL CHARACTERISTICS
■ MECHANICAL CHARACTERISTICS
10
Ω ~ 5 MΩ
± 10 %
0.5 W (70 °C) 0 W (120 °C)
(B)Linear law
DC300 V or power rating, whichever is smaller
100 mA or power rating, whichever is smaller
12 turns
1 % or 2
Ω, whichever is greater
1 % or 3
Ω, whichever is greater
−55 ~ 120 °C
10
Ω, 20 Ω, 5 MΩ : ± 250 10-6/°C maximum
50
Ω ~ 2 MΩ : ± 100 10-6/°C maximum
1000 M
Ω minimum (DC500 V)
AC600 V, 60 s
Approx. 1.08 g (CT-20EP, EX)
Approx. 3.7 g (CT-20EPB)
15 turns
35 mN·m {357 gf·cm} maximum
Clutch action
200 cycles
10
Ω ~ 200 Ω [ΔR/R ≦ ± (0.5 Ω +3 %)]
500
Ω ~ 5 MΩ [ΔR/R ≦ ± (0.5 Ω +2 %)]
10 N {1.02 kgf} minimum
245
± 3 °C, 2 ~ 3 s
9 N {917 gf} minimum
(Tensile strength)
■ ENVIRONMENTAL CHARACTERISTICS
Fig. 1
{ }:Reference only
Flow
260
± 3 °C, 5 ~ 6 s, two times maximum
Manual soldering
380
± 10 °C, 3 ~ 4 s
Test item
Test conditions
Specifications
Thermal shock
Humidity
Shock
Vibration
Load life
Low temp. operation
High temp. exposure
Immersion seal
Soldering heat
−65 ~ 125 °C (0.5 h), 5 cycles
[
ΔR/R ≦ 1 %]
[S.S.
≦ 1 %]
−10 ~ 65 °C (80 ~ 98 %),
10 cycles, 240 h
[
ΔR/R ≦ 1 %]
981 m/s
2, 6 ms
6 directions for 3 times each
[
ΔR/R ≦ 1 %]
[S.S.
≦ 1 %]
(Amplitude) 1.52 mm or
(Acceleration) 196 m/s
2,
10 ~ 2000 Hz, 3 directions, 12 times each
70 °C, 0.5 W, 1000 h
[
ΔR/R ≦ 2 %]
[S.S.
≦ 1 %]
−55 °C, 2 h
[
ΔR/R ≦ 1 %]
[S.S.
≦ 2 %]
120 °C, 250 h
[
ΔR/R ≦ 2 %]
[S.S.
≦ 2 %]
85 °C, 60 s
No leaks (No continuous bubbles)
[
ΔR/R ≦ 1 %]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com