Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB6N60M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STB6N60M2
Description  Extremely low gate charge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6N60M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STB6N60M2 Datasheet HTML 2Page - STMicroelectronics STB6N60M2 Datasheet HTML 3Page - STMicroelectronics STB6N60M2 Datasheet HTML 4Page - STMicroelectronics STB6N60M2 Datasheet HTML 5Page - STMicroelectronics STB6N60M2 Datasheet HTML 6Page - STMicroelectronics STB6N60M2 Datasheet HTML 7Page - STMicroelectronics STB6N60M2 Datasheet HTML 8Page - STMicroelectronics STB6N60M2 Datasheet HTML 9Page - STMicroelectronics STB6N60M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical characteristics
STB6N60M2, STD6N60M2
6/21
DocID024772 Rev 3
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area for D2PAK
Figure 3. Thermal impedance for D2PAK
ID
1
0.1
0.01
0.1
1
VDS(V)
10
(A)
10µs
100µs
1ms
Tj=150°C
Tc=25°C
Single pulse
10
10ms
100
AM15885v1
Figure 4. Safe operating area for DPAK
Figure 5. Thermal impedance for DPAK
ID
1
0.1
0.01
0.1
1
VDS(V)
10
(A)
10µs
100µs
1ms
Tj=150°C
Tc=25°C
Single pulse
10
10ms
100
AM15875v1
Figure 6. Output characteristics
Figure 7. Transfer characteristics
ID
3
2
1
0
0
10
VDS(V)
(A)
5
4
VGS= 4 V
VGS= 5 V
VGS= 8, 9, 10 V
5
VGS= 6 V
VGS= 7 V
6
8
15
20
7
AM15876v1
ID
3
2
1
0
0
2
VGS(V)
4
(A)
4
6
VDS= 20 V
8
5
6
7
10
8
AM15877v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com