Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB6N62K3 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STB6N62K3
Description  Very low intrinsic capacitance
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6N62K3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STB6N62K3 Datasheet HTML 9Page - STMicroelectronics STB6N62K3 Datasheet HTML 10Page - STMicroelectronics STB6N62K3 Datasheet HTML 11Page - STMicroelectronics STB6N62K3 Datasheet HTML 12Page - STMicroelectronics STB6N62K3 Datasheet HTML 13Page - STMicroelectronics STB6N62K3 Datasheet HTML 14Page - STMicroelectronics STB6N62K3 Datasheet HTML 15Page - STMicroelectronics STB6N62K3 Datasheet HTML 16Page - STMicroelectronics STB6N62K3 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
STB6N62K3, STD6N62K3
Package mechanical data
Doc ID 022605 Rev 1
13/19
Table 10.
DPAK (TO-252) mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
5.10
E6.40
6.60
E1
4.70
e2.28
e1
4.40
4.60
H
9.35
10.10
L1
1.50
L1
2.80
L2
0.80
L4
0.60
1
R0.20
V2
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com