Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB6N65M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB6N65M2
Description  Zener-protected
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6N65M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STB6N65M2 Datasheet HTML 1Page - STMicroelectronics STB6N65M2 Datasheet HTML 2Page - STMicroelectronics STB6N65M2 Datasheet HTML 3Page - STMicroelectronics STB6N65M2 Datasheet HTML 4Page - STMicroelectronics STB6N65M2 Datasheet HTML 5Page - STMicroelectronics STB6N65M2 Datasheet HTML 6Page - STMicroelectronics STB6N65M2 Datasheet HTML 7Page - STMicroelectronics STB6N65M2 Datasheet HTML 8Page - STMicroelectronics STB6N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
August 2014
DocID026762 Rev 1
1/23
STB6N65M2,
STD6N65M2
N-channel 650 V, 1.2
Ω typ., 4 A MDmesh™ M2
Power MOSFETs in D2PAK and DPAK packages
Datasheet
- preliminary data
Figure 1. Internal schematic diagram
Features
• Extremely low gate charge
• Excellent output capacitance (COSS) profile
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
These devices are N-channel Power MOSFETs
developed using MDmesh™ M2 technology.
Thanks to their strip layout and improved vertical
structure, the devices exhibit low on-resistance
and optimized switching characteristics, rendering
them suitable for the most demanding high
efficiency converters.
1
3
TAB
DPAK
D PAK
2
1
3
TAB
AM15572v1
, TAB
Order codes
VDS
RDS(on) max
ID
STB6N65M2
650 V
1.35
Ω
4 A
STD6N65M2
Table 1. Device summary
Order codes
Marking
Package
Packaging
STB6N65M2
6N65M2
D2PAK
Tape and reel
STD6N65M2
DPAK
www.st.com


Similar Part No. - STB6N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB6N60M2 STMICROELECTRONICS-STB6N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
30-May-2016
STB6N62K3 STMICROELECTRONICS-STB6N62K3 Datasheet
1Mb / 19P
Very low intrinsic capacitance
21-Dec-2011
More results

Similar Description - STB6N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU7LN80K5 STMICROELECTRONICS-STU7LN80K5 Datasheet
406Kb / 12P
Zener-protected
08-Jan-2016
STU6N90K5 STMICROELECTRONICS-STU6N90K5 Datasheet
704Kb / 12P
Zener-protected
November 2016 Rev 1
STW7N90K5 STMICROELECTRONICS-STW7N90K5 Datasheet
736Kb / 12P
Zener-protected
October 2016 Rev 1
STW20N90K5 STMICROELECTRONICS-STW20N90K5 Datasheet
695Kb / 12P
Zener-protected
December 2016 Rev 2
STB8N90K5 STMICROELECTRONICS-STB8N90K5 Datasheet
894Kb / 15P
Zener-protected
28-Nov-2016
STD12N50M2 STMICROELECTRONICS-STD12N50M2 Datasheet
754Kb / 16P
Zener-protected
09-Dec-2014
STF16N65M2 STMICROELECTRONICS-STF16N65M2 Datasheet
786Kb / 13P
Zener-protected
October 2014 Rev 1
STD7N80K5 STMICROELECTRONICS-STD7N80K5 Datasheet
1,009Kb / 21P
Zener-protected
09-Oct-2013
STL12N65M2 STMICROELECTRONICS-STL12N65M2 Datasheet
472Kb / 15P
Zener-protected
11-May-2015
STW40N95K5 STMICROELECTRONICS-STW40N95K5 Datasheet
767Kb / 13P
Zener-protected
14-Nov-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com