Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB6N80K5 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STB6N80K5
Description  Zener-protected
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6N80K5 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STB6N80K5 Datasheet HTML 10Page - STMicroelectronics STB6N80K5 Datasheet HTML 11Page - STMicroelectronics STB6N80K5 Datasheet HTML 12Page - STMicroelectronics STB6N80K5 Datasheet HTML 13Page - STMicroelectronics STB6N80K5 Datasheet HTML 14Page - STMicroelectronics STB6N80K5 Datasheet HTML 15Page - STMicroelectronics STB6N80K5 Datasheet HTML 16Page - STMicroelectronics STB6N80K5 Datasheet HTML 17Page - STMicroelectronics STB6N80K5 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Package information
STB6N80K5, STD6N80K5, STI6N80K5, STP6N80K5
14/26
DocID024661 Rev 3
Table 10. DPAK (TO-252) type A2 mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
4.95
5.10
5.25
E6.40
6.60
E1
5.10
5.20
5.30
e
2.162.282.40
e1
4.40
4.60
H
9.35
10.10
L1.00
1.50
L1
2.60
2.80
3.00
L2
0.65
0.80
0.95
L4
0.60
1.00
R0.20
V2
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com