Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB10N95K5 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STB10N95K5
Description  Switching applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB10N95K5 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STB10N95K5 Datasheet HTML 14Page - STMicroelectronics STB10N95K5 Datasheet HTML 15Page - STMicroelectronics STB10N95K5 Datasheet HTML 16Page - STMicroelectronics STB10N95K5 Datasheet HTML 17Page - STMicroelectronics STB10N95K5 Datasheet HTML 18Page - STMicroelectronics STB10N95K5 Datasheet HTML 19Page - STMicroelectronics STB10N95K5 Datasheet HTML 20Page - STMicroelectronics STB10N95K5 Datasheet HTML 21Page - STMicroelectronics STB10N95K5 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DocID024850 Rev 3
21/22
STB10N95K5, STF10N95K5, STP10N95K5, STW10N95K5
Revision history
22
6
Revision history
Table 14. Document revision history
Date
Revision
Changes
24-Jun-2013
1
First release.
07-Oct-2013
2
– Added: D
2
PAK package
– Modified: note
4 in Table 2
– Added: Thermal resistance junction-pcb max parameter
– Modified: typical values in
Table 5, 6 and 7
– Added:
Section 2.1: Electrical characteristics (curves)
– Updated:
Section 4: Package mechanical data
– Minor text changes
29-Jan-2014
3
– Datasheet status promoted from preliminary data to production
data
– Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com