Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB13N60M2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB13N60M2
Description  Extremely low gate charge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB13N60M2 Datasheet(HTML) 5 Page - STMicroelectronics

  STB13N60M2 Datasheet HTML 1Page - STMicroelectronics STB13N60M2 Datasheet HTML 2Page - STMicroelectronics STB13N60M2 Datasheet HTML 3Page - STMicroelectronics STB13N60M2 Datasheet HTML 4Page - STMicroelectronics STB13N60M2 Datasheet HTML 5Page - STMicroelectronics STB13N60M2 Datasheet HTML 6Page - STMicroelectronics STB13N60M2 Datasheet HTML 7Page - STMicroelectronics STB13N60M2 Datasheet HTML 8Page - STMicroelectronics STB13N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
STB13N60M2, STD13N60M2
Electrical characteristics
DocID024569 Rev 4
5/23
Table 7: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on
delay time
VDD = 300 V, ID = 5.5 A, RG = 4.7
Ω,
VGS = 10 V (see Figure 16: "Test circuit for
resistive load switching times" and Figure 21:
"Switching time waveform")
-
11
-
ns
tr
Rise time
-
10
-
ns
td(off)
Turn-off-
delay time
-
41
-
ns
tf
Fall time
-
9.5
-
ns
Table 8: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain
current
-
11
A
ISDM(1)
Source-drain
current
(pulsed)
-
44
A
VSD (2)
Forward on
voltage
VGS = 0 V, ISD = 11 A
-
1.6
V
trr
Reverse
recovery time
ISD = 11 A, di/dt = 100 A/µs, VDD = 60 V
(see Figure 18: "Test circuit for inductive
load switching and diode recovery times")
-
297
ns
Qrr
Reverse
recovery
charge
-
2.8
µC
IRRM
Reverse
recovery
current
-
18.5
A
trr
Reverse
recovery time
ISD = 11 A, di/dt = 100 A/µs, VDD = 60 V,
Tj = 150 °C (see Figure 18: "Test circuit for
inductive load switching and diode
recovery times")
-
394
ns
Qrr
Reverse
recovery
charge
-
3.8
µC
IRRM
Reverse
recovery
current
-
19
A
Notes:
(1)Pulse width is limited by safe operating area.
(2)Pulsed: pulse duration = 300 µs, duty cycle 1.5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com