Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB13NM60N Datasheet(PDF) 13 Page - STMicroelectronics

Part # STB13NM60N
Description  Low gate input resistance
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB13NM60N Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STB13NM60N Datasheet HTML 9Page - STMicroelectronics STB13NM60N Datasheet HTML 10Page - STMicroelectronics STB13NM60N Datasheet HTML 11Page - STMicroelectronics STB13NM60N Datasheet HTML 12Page - STMicroelectronics STB13NM60N Datasheet HTML 13Page - STMicroelectronics STB13NM60N Datasheet HTML 14Page - STMicroelectronics STB13NM60N Datasheet HTML 15Page - STMicroelectronics STB13NM60N Datasheet HTML 16Page - STMicroelectronics STB13NM60N Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DocID024095 Rev 3
13/24
STB13NM60N, STD13NM60N
Package information
24
Table 10. D²PAK (TO-263) type B package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.36
4.60
A1
0
0.25
b
0.70
0.93
b2
1.14
1.70
c
0.38
0.694
c1
0.38
0.534
c2
1.19
1.36
D8.6
9.35
D1
6.9
E
10
10.55
E1
8.1
e2.54
H
15
15.85
L1.9
2.79
L1
1.65
L2
1.78
L3
0.25
L4
4.78
5.28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com