Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW10N95K5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW10N95K5
Description  Switching applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW10N95K5 Datasheet(HTML) 3 Page - STMicroelectronics

  STW10N95K5 Datasheet HTML 1Page - STMicroelectronics STW10N95K5 Datasheet HTML 2Page - STMicroelectronics STW10N95K5 Datasheet HTML 3Page - STMicroelectronics STW10N95K5 Datasheet HTML 4Page - STMicroelectronics STW10N95K5 Datasheet HTML 5Page - STMicroelectronics STW10N95K5 Datasheet HTML 6Page - STMicroelectronics STW10N95K5 Datasheet HTML 7Page - STMicroelectronics STW10N95K5 Datasheet HTML 8Page - STMicroelectronics STW10N95K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DocID024850 Rev 3
3/22
STB10N95K5, STF10N95K5, STP10N95K5, STW10N95K5
Electrical ratings
22
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220FP
D2PAK,
TO-220, TO-247
V
GS
Gate- source voltage
±30
V
I
D
Drain current (continuous) at T
C
= 25 °C
8
(1)
1.
Limited by maximum junction temperature.
8A
I
D
Drain current (continuous) at T
C
= 100 °C
5
(1)
5A
I
DM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
32
A
P
TOT
Total dissipation at T
C
= 25 °C
30
130
W
I
AR
Max current during repetitive or single
pulse avalanche
2.5
A
E
AS
Single pulse avalanche energy
(starting T
J
= 25 °C, I
D
=I
AS
, V
DD
= 50 V)
122
mJ
dv/dt
(3)
3.
I
SD
≤ 8 A, di/dt ≤ 100 A/μs, V
DS(peak) ≤
V
(BR)DSS.
Peak diode recovery voltage slope
4.5
V/ns
dv/dt
(4)
4.
V
SD ≤
760 V
MOSFET dv/dt ruggedness
50
V/ns
V
ISO
Insulation withstand voltage (RMS) from
all three leads to external heat sink
(t=1 s; T
C
=25 °C)
2500
V
T
j
T
stg
Operating junction temperature
Storage temperature
- 55 to 150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
TO-220FP
D2PAK
TO-220,
TO-247
R
thj-case
Thermal resistance junction-case max
4.2
0.96
°C/W
R
thj-amb
Thermal resistance junction-amb max
62.5
62.5
°C/W
Rt
hj-pcb
(1)
1.
When mounted on 1 inch² FR-4, 2 Oz copper board
Thermal resistance junction-pcb max
30
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com